Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LPS120 Datasheet(PDF) 3 Page - Emerson Network Power

Part # LPS120
Description  120 Watts Active power factor correction
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EMERSON-NETWORKPOWER [Emerson Network Power]
Direct Link  http://www.emersonnetworkpower.com
Logo EMERSON-NETWORKPOWER - Emerson Network Power

LPS120 Datasheet(HTML) 3 Page - Emerson Network Power

  LPS120 Datasheet HTML 1Page - Emerson Network Power LPS120 Datasheet HTML 2Page - Emerson Network Power LPS120 Datasheet HTML 3Page - Emerson Network Power  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
Connector LPS120
SK1
Pin1
Neutral
Pin3
Line
SK2
TB-1
COMMON
TB-2
Mainoutput
SK3
Pin1
+V1Remotesense
Pin2
-V1Remotesense
Pin3
+Remoteinhibit
Pin4
-Remoteinhibit
Pin5
+Powerfail
Pin6
Common
Pin7
SWP
Pin8
+12V
Pin9
12Vcommon
Pin10
+5Vstandby
Mating Connectors
(SK1)ACInput:
Molex09-50-8031(connector)08-52-0113(pins)
(SK2)DCOutput:
Molexseries19141-0058/0063Spadelug
(SK3)ControlSignals:
Molex90142-0010(USA)
PINS:90119-2110or
Amp:87977-3
PINS:87309-8
EmersonNetworkPowerConnectorKit#70-841-020,includesalloftheabove.
Rev. 09.15.09_12
LPS120 Series
3 of 3
Embedded Power for
Business-Critical Continuity
OrderingInformation
Model
Number
Output
Voltage
Minimum
Load
Maximum Load
with Convection
Cooling
Maximum Load
with 30CFM
Forced Air
Peak Load Regulation2
Ripple
P/P
(PARD)3
LPS121
3.3V
0A
21A
36A
29A
± 2%
50mV
LPS122
5V
0A
16A
26A
29A
± 2%
50mV
LPS123
12V
0A
6.7A
10.8A
12.8A
± 2%
120mV
LPS124
15V
0A
5.3A
8.7A
10.0A
± 2%
150mV
LPS125
24V
0A
3.4A
5.4A
6.3A
± 2%
240mV
LPS128
48V
0A
1.7A
2.7A
3.2A
± 2%
480mV
1. Peakcurrentlasting<30secondswithamaximum10%dutycycle.
2. At25°Cincludinginitialtolerance,linevoltage,loadcurrentsandoutputvoltagesadjustedtofactorysettings.
3. Peak-to-peakwith20MHzbandwidthand10µF(tantalumcapacitor)inparallelwitha0.1µFcapacitoratratedlinevolt-
ageandloadranges.
4. Wheninparallela10%loadisrequiredforeachpowersupply.
Notes:
1. Specificationssubjecttochangewithoutnotice.
2. Alldimensionsininches(mm),toleranceis±.02”.
3. mountingholesMH1,MH2,MH3shouldbegroundedfor
EMIpurpose
4. MountingMH1issafetygroundconnection
5. Specificationsareforconvectionratingatfactorysettings
at115VACinput25°Cunlessotherwisestated.
6.Thispowersupplyrequiresmountingonmetalstandoffs
0.20”(5m)inheight.
7. Warranty:2year
8. Weight:0.71lb./0.32kg
PinAssignments
Americas
5810VanAllenWay
Carlsbad,CA92008
USA
Telephone:+17609304600
Facsimile: +17609300698
Europe (UK)
Waterfront Business Park
MerryHill,Dudley
WestMidlands,DY51LX
UnitedKingdom
Telephone:+44(0)1384842211
Facsimile: +44(0)1384843355
Asia (HK)
14/F,LuPlaza
2WingYipStreet
KwunTong,Kowloon
HongKong
Telephone:+85221763333
Facsimile: +85221763888
Forglobalcontact,visit:
www.PowerConversion.com
techsupport.embeddedpower
@emerson.com
Whileeveryprecautionhasbeentakentoensure
accuracyandcompletenessinthisliterature,Emerson
NetworkPowerassumesnoresponsibility,anddisclaims
allliabilityfordamagesresultingfromuseofthis
informationorforanyerrorsoromissions.
EmersonNetworkPowerandtheEmerson
NetworkPowerlogoaretrademarksand
servicemarksofEmersonElectricCo.
©2009EmersonElectricCo.
EmersonNetworkPower.com
EmbeddedComputing
Embedded Power
Monitoring
OutsidePlant
PowerSwitching&Controls
PrecisionCooling
Racks&IntegratedCabinets
Services
SurgeProtection
Emerson Network Power.
Thegloballeaderinenabling
business-criticalcontinuity.
ACPower
Connectivity
DCPower



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com