Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LPS122 Datasheet(PDF) 2 Page - Emerson Network Power

Part # LPS122
Description  120 Watts Active power factor correction
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EMERSON-NETWORKPOWER [Emerson Network Power]
Direct Link  http://www.emersonnetworkpower.com
Logo EMERSON-NETWORKPOWER - Emerson Network Power

LPS122 Datasheet(HTML) 2 Page - Emerson Network Power

  LPS122 Datasheet HTML 1Page - Emerson Network Power LPS122 Datasheet HTML 2Page - Emerson Network Power LPS122 Datasheet HTML 3Page - Emerson Network Power  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
Embedded Power for
Business-Critical Continuity
MechanicalDrawing
Rev. 09.15.09_128
LPS120 Series
2 of 3
2.55
(64.8)
5.00
(127.0)
4.55
(115.6)
1.29
(32.8)
0.20" (5)
6
10
1
5
3.00
(76.2)
SK3
0.15" DIA. 4 places
(4.0)
M3.5 (2 places)
V
Adjust
POT
Operatingtemperature:
0°to50°Cambientderateeach
outputas2.5%perdegreefrom
50°to70°C.-20°Cstartup
Storagetemperature:
-40°Cto+85°C
Electromagnetic
susceptibility:
DesignedtomeetEN61000-4;
-2,-3,-4,-5,-6,-8,-11Level3
Humidity:
Operating;non-condensing
10%to95%RH
Vibration:
IEC68-2-6tothelevelsof
IEC721-3-2
MTBFdemonstrated
>550,000hoursatfullloadand
25°Cambientconditions
EnvironmentalSpecifications



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com