Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

222002B Datasheet(PDF) 5 Page - Integrated Technology Future

Part # 222002B
Description  SAW Bandpass Filter
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ITF [Integrated Technology Future]
Direct Link  http://www.itf.co.kr
Logo ITF - Integrated Technology Future

222002B Datasheet(HTML) 5 Page - Integrated Technology Future

  222002B Datasheet HTML 1Page - Integrated Technology Future 222002B Datasheet HTML 2Page - Integrated Technology Future 222002B Datasheet HTML 3Page - Integrated Technology Future 222002B Datasheet HTML 4Page - Integrated Technology Future 222002B Datasheet HTML 5Page - Integrated Technology Future  
Zoom Inzoom in Zoom Outzoom out
 5 / 5 page
background image
SAW Bandpass Filter 222002B
Part No.
222002B
CH1 S21
CH1 S21
LOG
10 dB/
REF -23.84 dB
START
. 010 000 MHz
STOP 300. 000 000 MHz
21 Mar 2006 14:55:47
1
2
3
1: 0. 0000 dB
0. 000 000 MHz
REF=1
CH1 Markers
2:-65 . 212 dB
60. 0000 MHz
3:-61 . 814 dB
120. 000 MHz
LOG
1 dB/
REF -23.98 dB
Rev. Date
2006-07-15
I T F
Co., Ltd.
102-901, Bucheon Technopark 364,
Samjeong-Dong, Ojeong-Gu, Bucheon-City,
Gyounggi-Do, Korea 421-809
Rev.
NM6022-CS01
5/5
Cor
CH2 S21
G
1 dB/
REF -24.43 dB
CENTER 60. 000 000 MHz
SPAN 24. 500 000 MHz
Cor
LO
21 Mar 2006 14:52:22
1
2
3
4
1: 0. 0000 dB
0. 000 000 MHz
REF=1
CH1 Markers
BW:
20. 131847 MHz
cent :
59. 931848 MHz
Q: 2. 9770
1_loss : -24 . 196 dB
2
3
3: . 10970 dB
19. 500 000 MHz
REF=2
CH2 Markers
mean:-24 . 180 dB
s. dev : . 10470 dB
p-p : . 48550 dB
CH1 S11
SWR
20 /
REF 4.321
Cor
CH2 S22
SWR
20 /
REF 10.17
CENTER 60. 000 000 MHz
SPAN 56. 000 000 MHz
Cor
CH1 S11
1 U FS
Cor
CH2 S22
1 U FS
CENTER 60. 000 000 MHz
SPAN 56. 000 000 MHz
Cor
21 Mar 2006 14:54:33
1
1: 11. 601
-2 . 1841
1. 2145 nF
60. 000 000 MHz
2
2: 12. 354
-61 . 031
43. 463 pF
60. 000 000 MHz
21 Mar 2006 14:54:25
1
1: 4. 3157
60. 000 000 MHz
2
2: 10. 241
60. 000 000 MHz



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com