Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

233003B Datasheet(PDF) 5 Page - Integrated Technology Future

Part # 233003B
Description  SAW Bandpass Filter
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ITF [Integrated Technology Future]
Direct Link  http://www.itf.co.kr
Logo ITF - Integrated Technology Future

233003B Datasheet(HTML) 5 Page - Integrated Technology Future

  233003B Datasheet HTML 1Page - Integrated Technology Future 233003B Datasheet HTML 2Page - Integrated Technology Future 233003B Datasheet HTML 3Page - Integrated Technology Future 233003B Datasheet HTML 4Page - Integrated Technology Future 233003B Datasheet HTML 5Page - Integrated Technology Future  
Zoom Inzoom in Zoom Outzoom out
 5 / 5 page
background image
SAW Bandpass Filter 233003B
Part No.
233003B
CH1
S21
LOG
1 dB/
REF -28.94 dB
CH1
S21
LOG
10 dB/
REF -28.17 dB
START
. 010 000 MHz
STOP 400 . 000 000 MHz
9 Sep 2006 16:42:54
1
2
3
1: 0. 0000 dB
0. 000 000 MHz
REF=1
CH1 Markers
2: -54 . 379 dB
75. 0000 MHz
3: -62 . 223 dB
150 . 000 MHz
Rev. Date
2006-09-11
I T F
Co., Ltd.
102-901, Bucheon Technopark 364,
Samjeong-Dong, Ojeong-Gu, Bucheon-City,
Gyounggi-Do, Korea 421-809
Rev.
NM6030-CS01
5/5
CENTER
75. 000 000 MHz
SPAN
34. 000 000 MHz
Cor
CH2
S21
LOG
1 dB/
REF -29.2 dB
Cor
9 Sep 2006 16:37:42
1
2
3
4
1: 0. 0000 dB
0. 000 000 MHz
REF=1
CH1 Markers
BW:
29. 066187
MHz
cent :
75. 009742
MHz
Q: 2. 5807
1_loss : -28 . 973 dB
2
3
3: . 21090
dB
27. 700 000 MHz
REF=2
CH2 Markers
mean : -29 . 046 dB
s. dev : . 07890
dB
p-p : . 42870
dB
CH1
S11
SWR
20 /
REF 6.775
Cor
CH2
S22
SWR
20 /
REF 7.653
CENTER
75. 000 000 MHz
SPAN
88. 000 000 MHz
Cor
9 Sep 2006 16:42:08
CH1
S11
1 U FS
Cor
1
1: 6. 7935
75. 000 000 MHz
2
2: 7. 6694
75. 000 000 MHz
CH2
S22
1 U FS
CENTER
75. 000 000 MHz
SPAN
88. 000 000 MHz
Cor
9 Sep 2006 16:42:15
-36 . 863
1
1: 11. 510
57. 566 pF
75. 000 000 MHz
13. 341
2
2: 7. 0220
28. 310 nH
75. 000 000 MHz



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com