Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LPX200 Datasheet(PDF) 1 Page - Emerson Network Power

Part # LPX200
Description  LPX200
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EMERSON-NETWORKPOWER [Emerson Network Power]
Direct Link  http://www.emersonnetworkpower.com
Logo EMERSON-NETWORKPOWER - Emerson Network Power

LPX200 Datasheet(HTML) 1 Page - Emerson Network Power

  LPX200 Datasheet HTML 1Page - Emerson Network Power LPX200 Datasheet HTML 2Page - Emerson Network Power  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
313
process
yellow
3405
1797
1375
116
2607
652
242
2985
375
240
Embedded Power for
Business-Critical Continuity
LPX200
Enclosure
Installation Notes
LPX200 • Cover Enclosure Kit
LPX200 will fit the LPX20X-M power supplies.
Installation Instructions and Notes
1. Place the insulator over the chassis as shown.
2. Place the power supply over the insulator as shown.
3. Align the power supply to the chassis standoff.
4. Secure 4 pan head screws with washer provided with in kit as shown.
5. Place the cover over the power supply as shown.
6. Align the cover to the U-bracket countersink holes.
7. Secure 4 countersink screws provided with in kit as shown.
8. Overall dimensions: 5.9” (150mm) x 3.85” (98mm) x 1.85” (46.9mm).
9. Base plate has three sets of customer mountings:
a. Bottom mounting (4X) M3 inserts. Max. screw penetration 0.0787 (2mm)plus 2 key
ways. (See keyway detail)
b. Side mounting (4X) M3 inserts. Max. screw penetration 0.236 (6mm)
10.Ensure insulator is correctly fitted in base under PCB to maintain safety creepage
and clearances.
11.Ensure base is firmly connected to supply earth via the earth stud marked
12.When using this enclosure, ensure that relevant safety standards (e.g. EN60950) are complied
with, in respect to creepage and clearance distances, and distances through insulation.
13.All dimensions are in inches (mm)
Rev. 12.9.09_153
LPX200 Enclosure
1 of 2
OUTPUT CONNECTOR
INPUT CONNECTOR
(4X)STANDOFF
GROUND STUD
INSULATOR
Materials
•1 Base
•1 Cover
•4 M3x6mm Pan head
screws with spring washer
•4 M3x6mm countersunk
screws
•1 M4 nut
•1 M4 star washer
•1 M4 spring washer
•1 Plastic insulator sheet


Similar Part No. - LPX200

ManufacturerPart #DatasheetDescription
logo
Artesyn Technologies
LPX200 ARTESYN-LPX200 Datasheet
1Mb / 2P
Installation Notes LPX200 ??Cover Enclosure Kit
More results

Similar Description - LPX200

ManufacturerPart #DatasheetDescription
logo
Artesyn Technologies
LPX200 ARTESYN-LPX200 Datasheet
1Mb / 2P
Installation Notes LPX200 ??Cover Enclosure Kit
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com