Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

NFS110 Datasheet(PDF) 4 Page - Emerson Network Power

Part # NFS110
Description  Single & Quad output
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EMERSON-NETWORKPOWER [Emerson Network Power]
Direct Link  http://www.emersonnetworkpower.com
Logo EMERSON-NETWORKPOWER - Emerson Network Power

NFS110 Datasheet(HTML) 4 Page - Emerson Network Power

  NFS110_09 Datasheet HTML 1Page - Emerson Network Power NFS110_09 Datasheet HTML 2Page - Emerson Network Power NFS110_09 Datasheet HTML 3Page - Emerson Network Power NFS110_09 Datasheet HTML 4Page - Emerson Network Power NFS110_09 Datasheet HTML 5Page - Emerson Network Power  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
ALL DIMENSIONS IN INCHES (mm)
Optional
Power Fail
Detect Circuit
(Key = Pin 2)
Pin 1
6-32 UNC
(4PL)
PIN 1
1.00 0.005
(25.4)
Voltage Adjust
J2
J1
F1
L1
T1
C6
PIN 1
0.156
DIA. HOLE
(4PL)
5A, 250 VAC
0.475
0.010
(12.07)
1.55 0.005
(39.37)
3.35 0.015 (85.09)
1.80 (45.72) MAX
0.050 0.020
(1.27)
4.250
0.020
(107.95)
3.750
0.005
(95.25)
0.250
0.010
(6.35)
0.250
0.010
(6.35)
6.50 0.005 (165.1)
7.00 0.020 (177.8)
T1
Rev. 11.2.09_69
NFS110 Series
4 of 5
Embedded Power for
Business-Critical Continuity
313
process
yellow
3405
1797
1375
116
2607
652
242
2985
375
240
AC (J1) mating connector
Molex 09-50-3051 or Molex 09-91-0500 mating connector with 2478
or equivalent crimp terminals.
DC (J2) mating connector
Molex 09-50-3131 or Molex 09-91-1300 mating connector with 2478
or equivalent crimp terminals.
Power fail detect signal (Note 8)
50ms ≤ T1 ≤ 200ms
T2 will vary with line and load
T3 ≥ 3ms
Pout: 110W
PFD output is an open collector which
will sink ≤ 40mA in the low state.
HIGH
T1
T2
T3
4.75V
3.5V MIN
0-0.4 MAX
LOW
4.75V
5V OUTPUT
PFD SIGNAL
AC INPUT
OPTIONAL POWER FAIL DETECT TIMING DIAGRAM
80W
20 CFM FORCED AIR COOLING
40W
55W
0W
11W
11W MINIMUM LOAD REQUIRED AT 230VAC
NATURAL
CONVECTION
COOLING
0C
10C
20C
30C
40C
50C
60C
70C
DERATING CURVE (See Notes 9, 10)
Output Power (Watts)
110W
Pin Connections
J1
-7601PJ
-7602 P
-7604PJ
Singles
Pin 1
AC Ground
AC Ground
AC Ground
AC Ground
Pin 2
AC Neutral
AC Neutral
AC Neutral
AC Neutral
Pin 3
AC Line
AC Line
AC Line
AC Line
J2
Pin 1
+5.1 V
+5.1 V
+5.1 V
Vout
Pin 2
+5.1 V
+5.1 V
+5.1 V
Vout
Pin 3
+5.1 V
+5.1 V
+5.1 V
Vout
Pin 4
Return
Return
Return
Return
Pin 5
Return
Return
Return
Return
Pin 6
Return
Return
Return
Return
Pin 7
Return
Return
Return
Return
Pin 8
+12 V
+12 V
+15 V
Vout
Pin 9
+12 V
+12 V
+15 V
Vout
Pin 10
PFD
PFD
PFD
N/C
Pin 11
-12 V
-12 V
-15 V
N/C
Pin 12
Removed for Key
Pin 13
-5 V
+24 V
-5 V
N/C
N/C = no connection
Mechanical Notes:
A Metallic or non-metallic stand-offs (maximum diameter 5.4mm) can be used in all four mounting holes
without effecting safety approval.
B The ground pad of the mounting hole near J1, allows system grounding through a metal stand-off to
the system chassis.
C The heat sink is grounded, and allows system grounding by mechanical connection to the system
chassis.
D The supply must be mechanically supported using the PCB mounting holes and may be additionally
supported by the heatsink mounting holes.
E It is always advisable to attach the power supply heat sink to another thermal dissipator (such as a
chassis or finned heatsink etc). The resulting decrease in heat sink mounted component temperatures
will improve power supply lifetime.
F A standard L-bracket and cover is available for mounting which contains all screws, connectors and
necessary mounting hardware. The kit is available, order part number “NFS110CJ”.



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com