Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

NFS110-7604PJ Datasheet(PDF) 2 Page - Emerson Network Power

Part # NFS110-7604PJ
Description  Single & Quad output
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EMERSON-NETWORKPOWER [Emerson Network Power]
Direct Link  http://www.emersonnetworkpower.com
Logo EMERSON-NETWORKPOWER - Emerson Network Power

NFS110-7604PJ Datasheet(HTML) 2 Page - Emerson Network Power

  NFS110-7604PJ Datasheet HTML 1Page - Emerson Network Power NFS110-7604PJ Datasheet HTML 2Page - Emerson Network Power NFS110-7604PJ Datasheet HTML 3Page - Emerson Network Power NFS110-7604PJ Datasheet HTML 4Page - Emerson Network Power NFS110-7604PJ Datasheet HTML 5Page - Emerson Network Power  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
Rev. 11.2.09_69
NFS110 Series
2 of 5
Embedded Power for
Business-Critical Continuity
313
process
yellow
3405
1797
1375
116
2607
652
242
2985
375
240
Environmental Specifications
Thermal performance:
Operating ambient
0° C to +70 °C
(See notes 9, 10)
Non-operating
-40 °C to +85 °C
0 °C to 50 °C convection cooled
80 W
+50 °C to +70 °C, convection cooled
Derate 2 W/°C
0 °C to +50 °C, 20 CFM forced air
110 W
+50 °C to +70 °C, 20CFM forced air
Derate 2.75 W/°C
Peak, 0 °C to +50 °C, max. 60 seconds 110W
Relative humidity:
Non-condensing
5 to 95% RH
Altitude:
Operating
10,000 feet max.
Non-operating
40,000 feet max.
Vibration:
(See Note 11)
5 - 500 Hz
2.4 G rms peak
EMC Characteristics
Conducted emissions:
EN55022, FCC part 15
Level B
Radiated emissions:
EN55022, FCC part 15
Level A
ESD air:
EN61000-4-2, level 3
Perf. criteria 1
ESD contact:
EN61000-4-2, level 4
Perf. criteria 1
Surge:
EN61000-4-3, level 3
Perf. criteria 1
Fast transients:
EN61000-4-4, level 3
Perf. criteria 1
Radiated immunity:
EN61000-4-5, level 3
Perf. criteria 2
Conducted immunity:
EN61000-4-6, level 3
Perf. criteria 1
General Specifications
Hold-up time:
110 Vac @ 80 W
110 Vac @ 110 W
230 Vac @ 80 W
230 Vac @ 100 W
35 ms
17 ms
140 ms
100 ms
Efficiency:
Multiple outputs
+5.1 V single
12 V and 15 V singles
24 V single
70% typical
70% typical
72% typical
75% typical
Isolation voltage:
Input/output
Input/chassis
3000 Vac
1500 Vac
Approvals and standards:
(see note 12)
VDE0805, EN60950, IEC950, IEC1010, UL1950, CSA C22.2 No. 950
Weight:
Singles
Multiple outputs
550 g (19.4 oz)
600 g (21.2 oz)
MTBF (@25
ºC):
MIL-HDBK-217E
125,000 hours min.



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com