Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

F4621 Datasheet(PDF) 2 Page - Integrated Technology Future

Part # F4621
Description  SAW Bandpass Filter
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ITF [Integrated Technology Future]
Direct Link  http://www.itf.co.kr
Logo ITF - Integrated Technology Future

F4621 Datasheet(HTML) 2 Page - Integrated Technology Future

  F4621 Datasheet HTML 1Page - Integrated Technology Future F4621 Datasheet HTML 2Page - Integrated Technology Future F4621 Datasheet HTML 3Page - Integrated Technology Future F4621 Datasheet HTML 4Page - Integrated Technology Future F4621 Datasheet HTML 5Page - Integrated Technology Future F4621 Datasheet HTML 6Page - Integrated Technology Future F4621 Datasheet HTML 7Page - Integrated Technology Future  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
SAW Bandpass Filter F4621
Specifications
Minimum
Typical
Maximum
Unit
Center Frequency ( Fc )
-
462.5
-
MHz
Insertion Loss (In Fc +/- 2.5 MHz)
-
3.0
3.8
dB
Amplitude Ripple (In Fc +/- 2.5 MHz)
-
1.0
2.2
dB
VSWR (In Fc +/- 2.5 MHz)
-
1.5
2.4
Relative Attenuation
0.3 MHz ~ 450.0 MHz
450.0 MHz ~ 455.0 MHz
482.0 MHz ~ 1200 MHz
1200 MHz ~ 1700 MHz
45
35
40
35
1700 MHz ~ 2000 MHz
20
52
43
45
40
25
-
-
-
-
-
dB
Temperature Range (Operational)
-30
25
85
℃
Input RF Power (In Fc +/- 2.5 MHz)
27
dBm
Input/Output Impedance
50
Ohms
Notes :
1) All specifications are based on the matching schematic shown below, measured by Agilent Network analyzer and
full 2 port calibration.
2) Electrical margin has been built into the design to account for the variations due to temperature drift and manufacturing
tolerances
3) All attenuation measurements are measured relative to insertion loss
Part No.
F4621
Rev. Date
2006-06-08
I T F
Co., Ltd.
102-901, Bucheon Technopark 364,
Samjeong-Dong, Ojeong-Gu, Bucheon-City,
Gyounggi-Do, Korea 421-809
Rev.
NR3017-AS02
2/7



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com