Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

F2G02 Datasheet(PDF) 2 Page - Integrated Technology Future

Part # F2G02
Description  SAW Bandpass Filter
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ITF [Integrated Technology Future]
Direct Link  http://www.itf.co.kr
Logo ITF - Integrated Technology Future

F2G02 Datasheet(HTML) 2 Page - Integrated Technology Future

  F2G02 Datasheet HTML 1Page - Integrated Technology Future F2G02 Datasheet HTML 2Page - Integrated Technology Future F2G02 Datasheet HTML 3Page - Integrated Technology Future F2G02 Datasheet HTML 4Page - Integrated Technology Future F2G02 Datasheet HTML 5Page - Integrated Technology Future F2G02 Datasheet HTML 6Page - Integrated Technology Future F2G02 Datasheet HTML 7Page - Integrated Technology Future  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
SAW Bandpass Filter
F2G02
Part No.
F2G02
Rev. Date
2008-07-25
I T F
Co., Ltd.
102-901, Bucheon Technopark 364,
Samjeong-Dong, Ojeong-Gu, Bucheon-City,
Gyounggi-Do, Korea 421-809
Rev.
NR8005-AS01
2/7
Specifications
Notes :
1) All specifications are based on the matching schematic shown below, measured by Agilent Network analyzer and
full 2 port calibration.
2) Electrical margin has been built into the design to account for the variations due to temperature drift and manufacturing
tolerances
3) All attenuation measurements are measured relative to insertion loss
Minimum
Typical
Maximum
Unit
Center Frequency ( Fc )
-
2070.0
-
MHz
Insertion Loss (In Fc +/- 10.0 MHz)
-
1.9
2.8
dB
Amplitude Ripple (In Fc +/- 10.0 MHz)
-
0.5
1.0
dBp-p
VSWR (In Fc +/- 10.0 MHz)
-
1.8
2.4
Relative Attenuation
1940.0 MHz ~ 1960.0 MHz
2130.0 MHz ~ 2150.0 MHz
22.0
40.0
32.0
52.0
-
-
dB
Temperature Range (Operational)
-30
25
85
℃
Input RF Power (In Fc +/- 10.0 MHz)
20
dBm
Input/Output Impedance
50
Ohms



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com