Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CPDT5-5V0 Datasheet(PDF) 1 Page - Comchip Technology

Part # CPDT5-5V0
Description  SMD ESD Protection Diode
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COMCHIP [Comchip Technology]
Direct Link  http://www.comchiptech.com
Logo COMCHIP - Comchip Technology

CPDT5-5V0 Datasheet(HTML) 1 Page - Comchip Technology

  CPDT5-5V0 Datasheet HTML 1Page - Comchip Technology CPDT5-5V0 Datasheet HTML 2Page - Comchip Technology CPDT5-5V0 Datasheet HTML 3Page - Comchip Technology CPDT5-5V0 Datasheet HTML 4Page - Comchip Technology  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
SMD ESD Protection Diode
Page 1
QW-BP015
REV:B
SMD Diodes Specialist
Comchip Technology CO., LTD.
GND
Features
-Common anode ESD protection.
-IEC61000-4-2 8kV(Contact), 15kV(air).
-Low operating voltage: < 5V.
-
.
Fast turn-on and low clamping voltage
Mechanical data
-Case: SOT-23-5 Standard package,
molded plastic.
-Terminals: Gold plated, solderable per
MIL-STD-750D, method 2026.
-Marking code:E05
-Mounting position: Any.
-Weight: 0.0153 gram(approx.).
CPDT5-5V0 (RoHS Device)
1
2
3
5
4
O
Electrical Characteristics (at TA=25 C unless otherwise noted)
Symbol
Typ
Parameter
Min
Max Unit
Junction capacitance
Conditions
Diode breakdown voltage
VBD
V
IR = 1mA
Leakage current
IL
uA
20
CT
pF
VR =0V,f =1MHz
5.1
0.1
7.0
15
2.0
VR = 5V
Clamping voltage
ESD capability
kV
16
Peak pulse power
PPP
W
75
Storage temperature
Operation temperature
125
OC
TSTG
Tj
OC
150
-55
VC
V
IPP = 5A,TP=8/20us
15
TP=8/20us
ESD
IEC 61000-4-2(air)
IEC 61000-4-2(contact)
8
Dimensions in inches and (millimeter)
SOT-23-5
0.119(3.02)
0.111(2.82)
0.067(1.70)
0.059(1.50)
0.079(2.00)
0.071(1.80)
0.045(1.15)
0.041(1.05)
0.020(0.50)
0.012(0.30)
0.004(0.10)max
0.012(0.30)min
0.116(2.95)
0.104(2.65)
0.008(0.20)
0.004(0.10)


Similar Part No. - CPDT5-5V0

ManufacturerPart #DatasheetDescription
logo
Comchip Technology
CPDT5-5V0C-HF COMCHIP-CPDT5-5V0C-HF Datasheet
94Kb / 4P
SMD ESD Protection Diode
CPDT5-5V0U COMCHIP-CPDT5-5V0U Datasheet
144Kb / 4P
SMD ESD Protection Diode
CPDT5-5V0U COMCHIP-CPDT5-5V0U Datasheet
96Kb / 4P
SMD ESD Protection Diode
CPDT5-5V0U-HF COMCHIP-CPDT5-5V0U-HF Datasheet
96Kb / 4P
SMD ESD Protection Diode
CPDT5-5V0U COMCHIP-CPDT5-5V0U_12 Datasheet
96Kb / 4P
SMD ESD Protection Diode
More results

Similar Description - CPDT5-5V0

ManufacturerPart #DatasheetDescription
logo
Comchip Technology
CPDERT5V0U-HF COMCHIP-CPDERT5V0U-HF Datasheet
97Kb / 4P
SMD ESD Protection Diode
CPDF24V0U-HF COMCHIP-CPDF24V0U-HF Datasheet
98Kb / 4P
SMD ESD Protection Diode
CPDFR COMCHIP-CPDFR Datasheet
92Kb / 4P
SMD ESD Protection Diode
CPDT-5V0U-HF COMCHIP-CPDT-5V0U-HF Datasheet
97Kb / 4P
SMD ESD Protection Diode
CPDTR035V0U-HF COMCHIP-CPDTR035V0U-HF Datasheet
97Kb / 4P
SMD ESD Protection Diode
CPDTR055V0C-HF COMCHIP-CPDTR055V0C-HF Datasheet
98Kb / 4P
SMD ESD Protection Diode
CPDV5-5V0U COMCHIP-CPDV5-5V0U_12 Datasheet
96Kb / 4P
SMD ESD Protection Diode
CPDQT3V3U-HF COMCHIP-CPDQT3V3U-HF Datasheet
559Kb / 3P
SMD ESD Protection Diode
CPDUR5V0C-HF COMCHIP-CPDUR5V0C-HF Datasheet
238Kb / 4P
SMD ESD Protection Diode
CPDVR083V3U COMCHIP-CPDVR083V3U Datasheet
109Kb / 5P
SMD ESD Protection Diode
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com