Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

250453B Datasheet(PDF) 5 Page - Integrated Technology Future

Part # 250453B
Description  SAW Bandpass Filter
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ITF [Integrated Technology Future]
Direct Link  http://www.itf.co.kr
Logo ITF - Integrated Technology Future

250453B Datasheet(HTML) 5 Page - Integrated Technology Future

  250453B Datasheet HTML 1Page - Integrated Technology Future 250453B Datasheet HTML 2Page - Integrated Technology Future 250453B Datasheet HTML 3Page - Integrated Technology Future 250453B Datasheet HTML 4Page - Integrated Technology Future 250453B Datasheet HTML 5Page - Integrated Technology Future  
Zoom Inzoom in Zoom Outzoom out
 5 / 5 page
background image
SAW Bandpass Filter 250453B
Part No.
250453B
CH2
CH1
S21
LOG
10 dB/
REF -22.7 dB
START
. 010 000 MHz
STOP 400 . 000 000 MHz
11 Dec 2006 23:12:07
1
2
3
1: 0. 0000 dB
0. 000 000 MHz
REF=1
CH1 Markers
2: -42 . 838 dB
70. 0000 MHz
3: -47 . 766 dB
92. 0000 MHz
S21
LOG
1 dB/
REF -22.7 dB
CENTER 115 . 000 000 MHz
SPAN
6. 500 000 MHz
Cor
Rev. Date
2006-12-12
I T F
Co., Ltd.
102-901, Bucheon Technopark 364, Samjeong-
Dong, Ojeong-Gu, Bucheon-City,
Gyounggi-Do, Korea 421-809
Rev.
NW6009-CS01
5/5
CH4
1
LOG
1 dB/
REF -22.7 dB
Cor
S2
11 Dec 2006 23:10:36
2
1
2
3
4
1: 0. 0000 dB
0. 000 000 MHz
REF=1
CH2 Markers
BW:
4. 291636
MHz
cent : 115 . 014653
MHz
Q: 26. 800
1_loss : -22 . 950 dB
4
2
3
3: . 12660 dB
3. 800 000 MHz
REF=2
CH4 Markers
mean : -22 . 972 dB
s. dev : . 09920
dB
p-p : . 46520 dB
CH1
S11
SWR
1 /
REF 0
CENTER 115 . 000 000 MHz
SPAN
15 . 000 000 MHz
Cor
CH3
2
SWR
1 /
REF 0
Cor
S2
11 Dec 2006 23:11:24
1
1: 1. 3239
115 . 000 000 MHz
2
2: 1. 4198
115 . 000 000 MHz
CH1
S11
1 U FS
CENTER 115 . 000 000 MHz
SPAN
15 . 000 000 MHz
Cor
CH3
S22
1 U FS
Cor
11 Dec 2006 23:11:04
1
1: 65. 840
-3 . 1094
445 . 09 pF
115 . 000 000 MHz
2
2: 35. 244
-1 . 4707
941 . 02 pF
115 . 000 000 MHz



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com