Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CPDQR3-5V0UP Datasheet(PDF) 2 Page - Comchip Technology

Part # CPDQR3-5V0UP
Description  SMD ESD Protection Diode
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COMCHIP [Comchip Technology]
Direct Link  http://www.comchiptech.com
Logo COMCHIP - Comchip Technology

CPDQR3-5V0UP Datasheet(HTML) 2 Page - Comchip Technology

  CPDQR3-5V0UP Datasheet HTML 1Page - Comchip Technology CPDQR3-5V0UP Datasheet HTML 2Page - Comchip Technology CPDQR3-5V0UP Datasheet HTML 3Page - Comchip Technology CPDQR3-5V0UP Datasheet HTML 4Page - Comchip Technology  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
Fig. 1 - Non-Repetitive Peak Pulse
Power vs. Pulse Time
RATING AND CHARACTERISTIC CURVES (CPDQR3-5V0UP)
O
Ambient temperature ( C)
Mounting on glass epoxy PCBs
0
20
40
60
80
100
120
25
50
75
100
150
0
125
Fig. 2 - Power rating derating curve
Fig. 3 - Clamping volatage vs.
peak pulse current
Peak pulse current (A)
2.5
2
0
8
10
12
14
16
4
6
1.5
1
0.5
0
8/20us waveform
2
f=1MHz
TA=25°C
0
2
4
6
8
12
0
1
2
3
5
4
10
Reverse voltage (V)
Fig. 5 - Capacitance between
terminals characteristics
0.01
Pulse Duration-tp (us)
10
0.1
1
100
10
0.1
1
Page 2
QW-BP020
REV:B
SMD ESD Protection Diode
SMD Diodes Specialist
Comchip Technology CO., LTD.
Fig. 4 - Forward voltage vs.
forward current
Forward current (A)
15
2
0
8
10
12
4
6
9
6
3
0
8/20us waveform
12



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com