Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CPDH5V0U Datasheet(PDF) 3 Page - Comchip Technology

Part # CPDH5V0U
Description  SMD ESD Protection Diode
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COMCHIP [Comchip Technology]
Direct Link  http://www.comchiptech.com
Logo COMCHIP - Comchip Technology

CPDH5V0U Datasheet(HTML) 3 Page - Comchip Technology

  CPDH5V0U Datasheet HTML 1Page - Comchip Technology CPDH5V0U Datasheet HTML 2Page - Comchip Technology CPDH5V0U Datasheet HTML 3Page - Comchip Technology CPDH5V0U Datasheet HTML 4Page - Comchip Technology  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
Comchip Technology CO., LTD.
Page 3
SMD Diodes Specialist
SMD ESD Protection Diode
REV:A
QW-BP026
Trailer
Device
Leader
10 pitches (min)
10 pitches (min)
.......
.......
.......
.......
.......
.......
..... ..
.......
End
Start
D1
D2
D
W1
C
Direction of Feed
B
C
d
D
D2
D1
E
F
P
P0
P1
T
SOD-523
SYMBOL
A
W
W1
Reel Taping Specification
(mm)
(inch)
0.038 0.002
±
0.076 0.002
±
0.029 0.002
±
0.059 0.004
±
7.008 0.04
±
0.512 0.002
±
SOD-523
SYMBOL
(mm)
(inch)
0.069 0.004
±
0.138 0.002
±
0.079 0.002
±
0.157 0.004
±
0.079 0.002
±
0.007 0.001
±
0.315 0.016
±
0.96 0.05
±
1.94 0.05
±
2.00 0.05
±
1.50 0.10
±
3.50 0.05
±
1.75 0.10
±
1.30 0.05
±
0.73 0.05
±
4.00 0.10
±
2.00 0.05
±
0.18 0.02
±
8.00 0.40
±
178 1
±
Index hole
d
E
F
B
W
A
P
P0
P1
T
C
12.3 0.20
±
0.484 0.008
±
54.4 0.4
±
2.142 0.016
±



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com