Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L8Y8G42292-R1-PF Datasheet(PDF) 3 Page - LIGITEK electronics co., ltd.

Part # L8Y8G42292-R1-PF
Description  DUAL COLOR LED LAMPS
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LIGITEK [LIGITEK electronics co., ltd.]
Direct Link  http://www.ligitek.com
Logo LIGITEK - LIGITEK electronics co., ltd.

L8Y8G42292-R1-PF Datasheet(HTML) 3 Page - LIGITEK electronics co., ltd.

  L8Y8G42292-R1-PF Datasheet HTML 1Page - LIGITEK electronics co., ltd. L8Y8G42292-R1-PF Datasheet HTML 2Page - LIGITEK electronics co., ltd. L8Y8G42292-R1-PF Datasheet HTML 3Page - LIGITEK electronics co., ltd. L8Y8G42292-R1-PF Datasheet HTML 4Page - LIGITEK electronics co., ltd. L8Y8G42292-R1-PF Datasheet HTML 5Page - LIGITEK electronics co., ltd. L8Y8G42292-R1-PF Datasheet HTML 6Page - LIGITEK electronics co., ltd. L8Y8G42292-R1-PF Datasheet HTML 7Page - LIGITEK electronics co., ltd.  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
Tstg
Storage Temperature
-40 ~ +100
Forward
voltage
@10mA(V)
1.7
1.7
Min.
Note : 1.The forward voltage data did not including
±0.1V testing tolerance.
2. The luminous intensity data did not including
±15% testing tolerance.
Typical Electrical & Optical Characteristics (Ta=25
℃)
Spectral
halfwidth
△λnm
Peak
wave
length
λPnm
MATERIAL
PART NO
Yellow
Green
Emitted
L8Y8G42292/R1-PF
GaP
GaAsP/GaP
White Diffused
Lens
565
30
585
35
COLOR
Viewing
angle
2
θ 1/2
(deg)
Luminous
intensity
@10mA(mcd)
Typ.
2.1
2.1
Typ.
Min.
70
70
℃
-40 ~ +85
Ratings
LIGITEK ELECTRONICS CO.,LTD.
Property of Ligitek Only
Absolute Maximum Ratings at Ta=25
℃
Forward Current
Operating Temperature
Reverse Current @5V
Power Dissipation
Peak Forward Current
Duty 1/10@10KHz
Parameter
15
IF
Topr
Ir
PD
IFP
10
50
50
Symbol
8Y
Page 2/6
mA
15
10
50
80
℃
μA
mA
mW
8G
UNIT
L8Y8G42292/R1-PF
PART NO.
0.5
1.2
1.2
1.8



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com