Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L9SEFSBKS42292-R1-PF Datasheet(PDF) 5 Page - LIGITEK electronics co., ltd.

Part # L9SEFSBKS42292-R1-PF
Description  DUAL COLOR LED LAMPS
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LIGITEK [LIGITEK electronics co., ltd.]
Direct Link  http://www.ligitek.com
Logo LIGITEK - LIGITEK electronics co., ltd.

L9SEFSBKS42292-R1-PF Datasheet(HTML) 5 Page - LIGITEK electronics co., ltd.

  L9SEFSBKS42292-R1-PF Datasheet HTML 1Page - LIGITEK electronics co., ltd. L9SEFSBKS42292-R1-PF Datasheet HTML 2Page - LIGITEK electronics co., ltd. L9SEFSBKS42292-R1-PF Datasheet HTML 3Page - LIGITEK electronics co., ltd. L9SEFSBKS42292-R1-PF Datasheet HTML 4Page - LIGITEK electronics co., ltd. L9SEFSBKS42292-R1-PF Datasheet HTML 5Page - LIGITEK electronics co., ltd. L9SEFSBKS42292-R1-PF Datasheet HTML 6Page - LIGITEK electronics co., ltd. L9SEFSBKS42292-R1-PF Datasheet HTML 7Page - LIGITEK electronics co., ltd.  
Zoom Inzoom in Zoom Outzoom out
 5 / 7 page
background image
1.0
Ambient Temperature(
℃)
0
25
0
75
50
20
10
30
Wavelength (nm)
530
380
100
0
480
480
430
580
630
680
0.5
Typical Electro-Optical Characteristics Curve
Fig.1 Forward current vs. Forward Voltage
Fig.3 Forward Current vs. Temperature
40
0
Forward Voltage(V)
1
2
34
5
10
25
20
15
30
SBK-S CHIP
0.75
Fig.4 Relative Intensity vs. Wavelength
Forward Current(mA)
0
0
5
5
10
15
0.25
0.5
25
20
30
Fig.2 Relative Intensity vs. Forward Current
1.25
1.0
1.5
LIGITEK ELECTRONICS CO.,LTD.
Property of Ligitek Only
Page 4/6
PART NO. L9SEFSBKS42292/R1-PF



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com