Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L9UG2041 Datasheet(PDF) 3 Page - LIGITEK electronics co., ltd.

Part # L9UG2041
Description  TAPE AND BOX TYPE LED LAMPS
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LIGITEK [LIGITEK electronics co., ltd.]
Direct Link  http://www.ligitek.com
Logo LIGITEK - LIGITEK electronics co., ltd.

L9UG2041 Datasheet(HTML) 3 Page - LIGITEK electronics co., ltd.

  L9UG2041 Datasheet HTML 1Page - LIGITEK electronics co., ltd. L9UG2041 Datasheet HTML 2Page - LIGITEK electronics co., ltd. L9UG2041 Datasheet HTML 3Page - LIGITEK electronics co., ltd. L9UG2041 Datasheet HTML 4Page - LIGITEK electronics co., ltd. L9UG2041 Datasheet HTML 5Page - LIGITEK electronics co., ltd. L9UG2041 Datasheet HTML 6Page - LIGITEK electronics co., ltd. L9UG2041 Datasheet HTML 7Page - LIGITEK electronics co., ltd.  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
℃
-40 ~ +100
Tstg
Storage Temperature
Spectral
halfwidth
△λnm
Viewing
angle
2
θ 1/2
(deg)
MATERIAL
Dominant
wave
length
λDnm
PART NO
Green Transparent
Note : 1.The forward voltage data did not including
±0.1V testing tolerance.
2. The luminous intensity data did not including
±15% testing tolerance.
L9UG2041/P1-PF/TBS-8
AlGaInP
Green
Emitted
Min.
574
20
1.7
Lens
380
2.6
160
30
Typ.
Max. Min.
COLOR
Typical Electrical & Optical Characteristics (Ta=25
℃)
Forward
voltage
@20mA(V)
Luminous
intensity
@20mA(mcd)
Page 2/6
Symbol
IFP
PD
IF
Topr
Ir
Absolute Maximum Ratings at Ta=25
℃
Forward Current
Reverse Current @5V
Operating Temperature
Power Dissipation
Peak Forward Current
Duty 1/10@10KHz
Parameter
30
mA
-40 ~ +85
10
℃
μA
75
60
mW
mA
9UG
Ratings
UNIT
LIGITEK ELECTRONICS CO.,LTD.
Property of Ligitek Only
Electrostatic Discharge( * )
ESD
2000
V
Static Electricity or power surge will damage the LED. Use of a conductive wrist band or anti-electrosatic
glove is recommended when handing these LED. All devices, equipment and machinery must be properly
grounded.
*
PART NO. L9UG2041/P1-PF/TBS-8



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com