Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2N7002-G Datasheet(PDF) 2 Page - Comchip Technology

Part # 2N7002-G
Description  MOSFET
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COMCHIP [Comchip Technology]
Direct Link  http://www.comchiptech.com
Logo COMCHIP - Comchip Technology

2N7002-G Datasheet(HTML) 2 Page - Comchip Technology

  2N7002-G Datasheet HTML 1Page - Comchip Technology 2N7002-G Datasheet HTML 2Page - Comchip Technology 2N7002-G Datasheet HTML 3Page - Comchip Technology 2N7002-G Datasheet HTML 4Page - Comchip Technology  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
RATING AND CHARACTERISTIC CURVES (2N7002-G)
MOSFET
MOSFET
Page 2
SMD Diodes Specialist
Fig.1 On-Region Characteristics
0
VDS, Drain-Source Voltage(V)
0
2
5
0.8
Fig.2 On-Resistance vs Drain Current
0
ID, Drain Current (A)
0
0.2
0.8
1.0
1
2
3
Fig.3 On-Resistance vs Junction Temperature
0
O
TJ, Junction Temperature (
C)
-55
0.5
2.0
20
1
3
0.4
4
5
VGS= 5.0V
O
T = 25C
J
VGS = 10V
ID = 50mA
ID = 500mA
VGS=10V
9.0V
8.0V
7.0V
6.5V
6.0V
4.5V
4.0V
3.5V
3.0V
2.5V
2.0/1.0V
5.5V
5.0V
4
0.2
0.4
0.6
1.0
0.6
6
7
Fig.4 On-Resistance vs Gate-Source Voltage
0
VGS, Gate to Source Voltage (V)
0
4
14
18
1
2
3
8
4
5
12
6
2
16
6
10
-30
-5
45
120
70
95
145
1.0
1.5
VGS=10V, ID=0.5A
VGS=5V, ID=0.05A
Comchip Technology CO., LTD.
REV:B
QW-BTR12



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com