Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L9UG3333 Datasheet(PDF) 3 Page - LIGITEK electronics co., ltd.

Part # L9UG3333
Description  SUPER BRIGHT ROUND TYPE LED LAMPS
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LIGITEK [LIGITEK electronics co., ltd.]
Direct Link  http://www.ligitek.com
Logo LIGITEK - LIGITEK electronics co., ltd.

L9UG3333 Datasheet(HTML) 3 Page - LIGITEK electronics co., ltd.

  L9UG3333 Datasheet HTML 1Page - LIGITEK electronics co., ltd. L9UG3333 Datasheet HTML 2Page - LIGITEK electronics co., ltd. L9UG3333 Datasheet HTML 3Page - LIGITEK electronics co., ltd. L9UG3333 Datasheet HTML 4Page - LIGITEK electronics co., ltd. L9UG3333 Datasheet HTML 5Page - LIGITEK electronics co., ltd.  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
574
LIGITEK ELECTRONICS CO.,LTD.
Property of Ligitek Only
Absolute Maximum Ratings at Ta=25
℃
Dominant
wave
length
λDnm
Typical Electrical & Optical Characteristics (Ta=25
℃)
Note : 1.The forward voltage data did not including
±0.1V testing tolerance.
2. The luminous intensity data did not including
±15% testing tolerance.
Tstg
Storage Temperature
PART NO
MATERIAL
L9UG3333
Emitted
AlGaInP
Green
Water Clear
Lens
COLOR
Soldering Temperature
Tsol
PART NO. L9UG3333
IF
Forward Current
Operating Temperature
Reverse Current @5V
Power Dissipation
Peak Forward Current
Duty 1/10@10KHz
Topr
Ir
PD
IFP
Parameter
Symbol
-40 ~ +100
Luminous
intensity
@20mA(mcd)
Viewing
angle
2
θ 1/2
(deg)
Forward
voltage
@20mA(V)
Spectral
halfwidth
△λnm
20
2.6
1.7
Min. Max.
1100
550
20
Min.
Typ.
Max 260
℃ for 5 sec Max
(2mm from body)
℃
Page 2/4
30
mA
-40 ~ +85
10
℃
μA
75
60
mA
mW
9UG
Ratings
UNIT
Electrostatic Discharge
ESD
2000
V



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com