Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L9UG5730 Datasheet(PDF) 3 Page - LIGITEK electronics co., ltd.

Part # L9UG5730
Description  SUPER BRIGHT RECTANGLE TYPE LED LAMPS
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LIGITEK [LIGITEK electronics co., ltd.]
Direct Link  http://www.ligitek.com
Logo LIGITEK - LIGITEK electronics co., ltd.

L9UG5730 Datasheet(HTML) 3 Page - LIGITEK electronics co., ltd.

  L9UG5730 Datasheet HTML 1Page - LIGITEK electronics co., ltd. L9UG5730 Datasheet HTML 2Page - LIGITEK electronics co., ltd. L9UG5730 Datasheet HTML 3Page - LIGITEK electronics co., ltd. L9UG5730 Datasheet HTML 4Page - LIGITEK electronics co., ltd. L9UG5730 Datasheet HTML 5Page - LIGITEK electronics co., ltd. L9UG5730 Datasheet HTML 6Page - LIGITEK electronics co., ltd.  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
1.7
Min.
V
2000
ESD
Electrostatic Discharge( * )
COLOR
Green Diffused
Typical Electrical & Optical Characteristics (Ta=25
℃)
Note : 1.The forward voltage data did not including
±0.1V testing tolerance.
2. The luminous intensity data did not including
±15% testing tolerance.
AlGaInP
MATERIAL
L9UG5730
PART NO
Green
Emitted
Operating Temperature
Storage Temperature
Dominant
wave
length
λDnm
Luminous
intensity
@20mA(mcd)
Viewing
angle
2
θ 1/2
(deg)
Forward
voltage
@20mA(V)
Spectral
halfwidth
△λnm
574
Lens
20
2.6
Max.
15
28
Min.
Typ.
144
-40 ~ +100
Tstg
Topr
-40 ~ +85
℃
℃
Absolute Maximum Ratings at Ta=25
℃
Forward Current
Peak Forward Current
Duty 1/10@10KHz
Reverse Current @5V
Power Dissipation
Parameter
Page 2/5
PD
Ir
IFP
IF
75
10
60
30
Symbol
Ratings
9UG
mA
mA
μA
mW
UNIT
LIGITEK ELECTRONICS CO.,LTD.
Property of Ligitek Only
Static Electricity or power surge will damage the LED. Use of a conductive wrist band or anti-electrosatic
glove is recommended when handing these LED. All devices, equipment and machinery must be properly
grounded.
*
PART NO. L9UG5730



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com