Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MBRF1545CT Datasheet(PDF) 2 Page - Motorola, Inc

Part # MBRF1545CT
Description  SWITCHMODE??Schottky Power Rectifirers
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

MBRF1545CT Datasheet(HTML) 2 Page - Motorola, Inc

  MBRF1545CT Datasheet HTML 1Page - Motorola, Inc MBRF1545CT Datasheet HTML 2Page - Motorola, Inc MBRF1545CT Datasheet HTML 3Page - Motorola, Inc MBRF1545CT Datasheet HTML 4Page - Motorola, Inc  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
MBRF1545CT
2
Rectifier Device Data
ELECTRICAL CHARACTERISTICS, PER LEG
Characteristic
Symbol
Max
Unit
Maximum Instantaneous Forward Voltage (3)
(iF = 15 Amp, TC = 25°C)
(iF = 15 Amp, TC = 125°C)
(iF = 7.5 Amp, TC = 125°C)
vF
0.84
0.72
0.57
Volts
Maximum Instantaneous Reverse Current (3)
(Rated DC Voltage, TC = 25°C)
(Rated DC Voltage, TC = 125°C)
iR
0.1
15
mA
(3) Pulse Test: Pulse Width = 300
µs, Duty Cycle ≤ 2.0%
0.7
Figure 1. Typical Forward Voltage
Figure 2. Typical Reverse Current
VR, REVERSE VOLTAGE (VOLTS)
iF, INSTANTANEOUS FORWARD VOLTAGE (VOLTS)
7.0
50
30
20
10
5.0
3.0
2.0
1.0
0.5
1.2
1.0
0.8
0.6
0.001
10
0
0.4
0.2
20
30
40
50
0.01
0.1
1.0
10
100
25
°C
TJ = 125°C
TJ = 150°C
75
°C
25
°C
75
°C
100
°C
125
°C



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com