Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AP2127 Datasheet(PDF) 13 Page - BCD Semiconductor Manufacturing Limited

Part # AP2127
Description  300mA HIGH SPEED, EXTREMELY LOW NOISE CMOS LDO REGULATOR
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BCDSEMI [BCD Semiconductor Manufacturing Limited]
Direct Link  http://www.bcdsemi.com
Logo BCDSEMI - BCD Semiconductor Manufacturing Limited

AP2127 Datasheet(HTML) 13 Page - BCD Semiconductor Manufacturing Limited

Back Button AP2127 Datasheet HTML 9Page - BCD Semiconductor Manufacturing Limited AP2127 Datasheet HTML 10Page - BCD Semiconductor Manufacturing Limited AP2127 Datasheet HTML 11Page - BCD Semiconductor Manufacturing Limited AP2127 Datasheet HTML 12Page - BCD Semiconductor Manufacturing Limited AP2127 Datasheet HTML 13Page - BCD Semiconductor Manufacturing Limited AP2127 Datasheet HTML 14Page - BCD Semiconductor Manufacturing Limited AP2127 Datasheet HTML 15Page - BCD Semiconductor Manufacturing Limited AP2127 Datasheet HTML 16Page - BCD Semiconductor Manufacturing Limited AP2127 Datasheet HTML 17Page - BCD Semiconductor Manufacturing Limited Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 18 page
background image
300mA HIGH SPEED, EXTREMELY LOW NOISE CMOS LDO REGULATOR
AP2127
13
Oct. 2009 Rev. 1. 3
BCD Semiconductor Manufacturing Limited
Preliminary Datasheet
Data Sheet
Typical Performance Characteristics (Continued)
-40
-20
0
204060
80
100
0.00
0.02
0.04
0.06
0.08
0.10
0.12
0.14
0.16
0.18
0.20
0.22
0.24
Case Temperature (
oC)
I
OUT=10mA
I
OUT=150mA
I
OUT=300mA
V
OUT=3.3V
Figure 26. Dropout Voltage vs. Case Temperature
0.00
0.05
0.10
0.15
0.20
0.25
0.30
0.00
0.02
0.04
0.06
0.08
0.10
0.12
0.14
0.16
0.18
Output Current (A)
T
C=-40
oC
T
C=25
oC
T
C=85
oC
V
OUT=5.2V
-40
-20
0
2040
6080
0.00
0.02
0.04
0.06
0.08
0.10
0.12
0.14
0.16
0.18
Case Temperature (
oC)
I
OUT=10mA
I
OUT=150mA
I
OUT=300mA
V
OUT=5.2V
Figure 25. Dropout Voltage vs. Output Current
Figure 27. Dropout Voltage vs. Case Temperature
Figure 28. Power Dissipation vs. Case Temperature
-40
-20
0
20
40
60
80
100
120
0.0
0.2
0.4
0.6
0.8
1.0
1.2
1.4
1.6
1.8
2.0
Case Temperature(
oC)
V
OUT=1.0V
No heatsink



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com