Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM5033 Datasheet(PDF) 11 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor. Click here to check the latest version.
Part # LM5033
Description  100V Push-Pull Voltage Mode PWM Controller
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM5033 Datasheet(HTML) 11 Page - National Semiconductor (TI)

Back Button LM5033 Datasheet HTML 7Page - National Semiconductor (TI) LM5033 Datasheet HTML 8Page - National Semiconductor (TI) LM5033 Datasheet HTML 9Page - National Semiconductor (TI) LM5033 Datasheet HTML 10Page - National Semiconductor (TI) LM5033 Datasheet HTML 11Page - National Semiconductor (TI) LM5033 Datasheet HTML 12Page - National Semiconductor (TI) LM5033 Datasheet HTML 13Page - National Semiconductor (TI) LM5033 Datasheet HTML 14Page - National Semiconductor (TI) LM5033 Datasheet HTML 15Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 17 page
background image
Application Information (Continued)
PC BOARD LAYOUT
The LM5033 current sense and PWM comparators are very
fast, and as such will respond to short duration noise pulses.
Layout considerations are critical for the current sense filter.
The components at pins 3, 8, 9, and 10 should be as
physically close as possible to the IC, thereby minimizing
noise pickup in the PC tracks.
If a current sense transformer is used both leads of the
transformer secondary should be routed to the sense filter
components, and to the IC pins. The ground side of the
transformer should be connected via a dedicated PC board
track to pin 7 of the IC rather than through the ground plane.
If the current sense circuit employs a sense resistor in the
drive transistor sources, a low inductance resistor should be
used. In this case all the noise sensitive low power grounds
should be connected in common near the IC, and then a
single connection made to the power ground (sense resistor
ground point).
The outputs of the LM5033, or of the high voltage gate driver
(if used), should have short direct paths to the power MOS-
FETs in order to minimize the effects of inductance in the PC
board traces.
If the internal dissipation of the LM5033 and any of the power
devices produces high junction temperatures during normal
operation, good use of the PC board’s ground plane can help
considerably to dissipate heat. The exposed pad on the
bottom of the LLP-10 package can be soldered to ground
plane on the PC board, and the ground plane should extend
out from beneath the IC to help dissipate the heat. The
exposed pad is internally connected to the IC substrate.
Additionally, the use of wide PC board traces where possible
can help conduct heat away from the IC. Judicious position-
ing of the PC board within the end product, along with use of
any available air flow (forced or natural convection) can help
reduce the junction temperatures.
APPLICATION CIRCUIT EXAMPLE
Figure 6 shows an example circuit for a half-bridge 200W
DC/DC converter built in a quarter brick format. The circuit is
that of an intermediate bus converter (IBC) which operates
open-loop (unregulated output), converting a nominal 48V
input to a nominal 9.0V output with a 30 m
Ω output imped-
ance. The current sense transformer (T2), and the associ-
ated filter at the CS pin, provide overcurrent detection at
approximately 23A. The auxiliary winding on T1 powers V
CC
and the LM5100’s V+ pin (once the outputs are enabled) to
reduce power dissipation within the LM5033. The LM5100
provides appropriate level shifting for Q1. Synchronous rec-
tifiers Q3 and Q4 minimize conduction losses in the output
stage. Dual comparators U2 and U3 provide under-voltage
and over-voltage sensing at Vin. The under-voltage sense
levels are 37V increasing, and 33V decreasing. The over-
voltage sense levels are 63V increasing, and 61.5V decreas-
ing. The circuit can be shut down by taking the ON/OFF input
below 0.8V. An external synchronizing frequency can be
applied to the SYNC input. Measured efficiency and output
characteristics for this circuit are shown in Figure 4 and
Figure 5.
20035416
FIGURE 3. Deadtime Adjustment
www.national.com
11



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com