Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LT3760EFE Datasheet(PDF) 2 Page - Linear Technology

Part # LT3760EFE
Description  8-Channel 횞 100mA LED Driver
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT3760EFE Datasheet(HTML) 2 Page - Linear Technology

  LT3760EFE Datasheet HTML 1Page - Linear Technology LT3760EFE Datasheet HTML 2Page - Linear Technology LT3760EFE Datasheet HTML 3Page - Linear Technology LT3760EFE Datasheet HTML 4Page - Linear Technology LT3760EFE Datasheet HTML 5Page - Linear Technology LT3760EFE Datasheet HTML 6Page - Linear Technology LT3760EFE Datasheet HTML 7Page - Linear Technology LT3760EFE Datasheet HTML 8Page - Linear Technology LT3760EFE Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 32 page
background image
LT3760

3760f
pin conFiguraTion
absoluTe MaxiMuM raTings
1
2
3
4
5
6
7
8
9
10
11
12
13
14
TOP VIEW
FE PACKAGE
28-LEAD PLASTIC TSSOP
28
27
26
25
24
23
22
21
20
19
18
17
16
15
CTRL
TSET
VREF
ISET
NC
LED1
LED2
LED3
LED4
PGND
SENSE
GATE
INTVCC
VIN
OVPSET
PWM
VC
RT
GND
LED8
LED7
LED6
LED5
PGND
VOUT
SYNC
FAULT
SHDN/UVLO
29
PGND
TJMAX = 125°C, θJA = 28°C/W, θJC = 10°C/W
EXPOSED PAD (PIN 29) IS PGND, MUST BE SOLDERED TO PCB
orDer inForMaTion
LEAD FREE FINISH
TAPE AND REEL
PART MARKING*
PACKAGE DESCRIPTION
TEMPERATURE RANGE
LT3760EFE#PBF
LT3760EFE#TRPBF
LT3760FE
28-Lead Plastic TSSOP
–40°C to 125°C
LT3760IFE#PBF
LT3760IFE#TRPBF
LT3760FE
28-Lead Plastic TSSOP
–40°C to 125°C
Consult LTC Marketing for parts specified with wider operating temperature ranges. *The temperature grade is identified by a label on the shipping container.
Consult LTC Marketing for information on non-standard lead based finish parts.
For more information on lead free part marking, go to: http://www.linear.com/leadfree/
For more information on tape and reel specifications, go to: http://www.linear.com/tapeandreel/
VOUT, LED1-8 ............................................................60V
VIN, SHDN/UVLO, FAULT...........................................40V
INTVCC......................................................................13V
INTVCC above VIN.................................................. +0.3V
PWM, CTRL, SYNC.....................................................6V
VC ...............................................................................3V
VREF, RT, ISET, TSET, OVPSET.......................................2V
SENSE......................................................................0.4V
Operating Junction Temperature Range
(Notes 2,3).............................................
-40°C to 125°C
Storage Temperature Range ..................
-65°C to 150°C
Lead Temperature (Soldering, 10 sec)...................300°C
(Note 1)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com