Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MBRF2045CT Datasheet(PDF) 2 Page - Motorola, Inc

Part # MBRF2045CT
Description  SWITCHMODE??Schottky Power Rectifirer
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

MBRF2045CT Datasheet(HTML) 2 Page - Motorola, Inc

  MBRF2045CT Datasheet HTML 1Page - Motorola, Inc MBRF2045CT Datasheet HTML 2Page - Motorola, Inc MBRF2045CT Datasheet HTML 3Page - Motorola, Inc MBRF2045CT Datasheet HTML 4Page - Motorola, Inc  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
MBRF2045CT
2
Rectifier Device Data
ELECTRICAL CHARACTERISTICS, PER LEG
Characteristic
Symbol
Max
Unit
Maximum Instantaneous Forward Voltage (3)
(iF = 20 Amp, TC = 25°C)
(iF = 20 Amp, TC = 125°C)
(iF = 10 Amp, TC = 125°C)
vF
0.84
0.72
0.57
Volts
Maximum Instantaneous Reverse Current (3)
(Rated DC Voltage, TC = 25°C)
(Rated DC Voltage, TC = 125°C)
iR
0.1
15
mA
(3) Pulse Test: Pulse Width = 300
µs, Duty Cycle ≤ 2.0%
VR, REVERSE VOLTAGE (VOLTS)
0.001
10
020
30
40
50
0.01
0.1
1.0
10
100
TJ = 150°C
75
°C
25
°C
100
°C
125
°C
NUMBER OF CYCLES AT 60 Hz
20
2.0
1.0
5.0
10
20
100
30
50
70
100
200
3.0
7.0
30
50
70
100
50
20
10
5.0
2.0
1.0
0.5
0.2
0.1
0.2
0.4
0.6
0.8
1.0
1.2
1.4
vF, INSTANTANEOUS VOLTAGE (VOLTS)
Figure 1. Maximum Forward Voltage
25
°C
TJ = 150°C
0.7
70
30
7.0
3.0
0.3
100
50
20
10
5.0
2.0
1.0
0.5
0.2
0.1
0.2
0.4
0.6
0.8
1.0
1.2
1.4
vF, INSTANTANEOUS VOLTAGE (VOLTS)
100
°C
25
°C
TJ = 150°C
0.7
70
30
7.0
3.0
0.3
Figure 2. Typical Forward Voltage
TJ = 125°C, VRRM MAY BE
APPLIED BETWEEN EACH
CYCLE OF SURGE
100
°C
Figure 3. Maximum Reverse Current
Figure 4. Maximum Surge Capability



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com