Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MBRF2545CT Datasheet(PDF) 1 Page - Motorola, Inc

Part # MBRF2545CT
Description  SWITCHMODE??Schottky Power Rectifirer
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

MBRF2545CT Datasheet(HTML) 1 Page - Motorola, Inc

  MBRF2545CT Datasheet HTML 1Page - Motorola, Inc MBRF2545CT Datasheet HTML 2Page - Motorola, Inc MBRF2545CT Datasheet HTML 3Page - Motorola, Inc MBRF2545CT Datasheet HTML 4Page - Motorola, Inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
1
Rectifier Device Data
SWITCHMODE™
Schottky Power Rectifier
The SWITCHMODE Power Rectifier employs the Schottky Barrier principle in
a large area metal–to–silicon power diode. State–of–the–art geometry features
epitaxial construction with oxide passivation and metal overlay contact. Ideally
suited for use as rectifiers in very low–voltage, high–frequency switching power
supplies, free wheeling diodes and polarity protection diodes.
• Highly Stable Oxide Passivated Junction
• Very Low Forward Voltage Drop
• Matched Dual Die Construction
• High Junction Temperature Capability
• High dv/dt Capability
• Excellent Ability to Withstand Reverse Avalanche Energy
Transients
• Guardring for Stress Protection
• Epoxy Meets UL94, VO at 1/8″
• Electrically Isolated. No Isolation Hardware Required.
• UL Recognized File #E69369(1)
Mechanical Characteristics
• Case: Epoxy, Molded
• Weight: 1.9 grams (approximately)
• Finish: All External Surfaces Corrosion Resistant and Terminal
Leads are Readily Solderable
• Lead Temperature for Soldering Purposes: 260°C Max. for 10
Seconds
• Shipped 50 units per plastic tube
• Marking: B2545
MAXIMUM RATINGS, PER LEG
Rating
Symbol
Value
Unit
Peak Repetitive Reverse Voltage
Working Peak Reverse Voltage
DC Blocking Voltage
VRRM
VRWM
VR
45
Volts
Average Rectified Forward Current
(Rated VR), TC = 125°C
Total Device
IF(AV)
12.5
25
Amps
Peak Repetitive Forward Current
(Rated VR, Square Wave, 20 kHz), TC = 125°C
IFRM
25
Amps
Non–repetitive Peak Surge Current
(Surge applied at rated load conditions halfwave, single phase, 60 Hz)
IFSM
150
Amps
Peak Repetitive Reverse Surge Current (2.0
µs, 1.0 kHz)
IRRM
1.0
Amp
Operating Junction and Storage Temperature
TJ, Tstg
– 65 to +150
°C
Voltage Rate of Change (Rated VR)
dv/dt
10000
V/
µs
RMS Isolation Voltage (t = 1.0 second, R.H.
≤ 30%, TA = 25°C)(2)
Per Figure 3
Per Figure 4(1)
Per Figure 5
Viso1
Viso2
Viso3
4500
3500
1500
Volts
THERMAL CHARACTERISTICS, PER LEG
Maximum Thermal Resistance, Junction to Case
R
θJC
3.5
°C/W
Maximum Lead Temperature for Soldering Purposes: 1/8
″ from Case for 5 Seconds
TL
260
°C
(1) UL Recognized mounting method is per Figure 4.
(2) Proper strike and creepage distance must be provided.
SWITCHMODE is a trademark of Motorola, Inc.
Preferred devices are Motorola recommended choices for future use and best overall value.
© Motorola, Inc. 1996
Order this document
by MBRF2545CT/D
MOTOROLA
SEMICONDUCTOR TECHNICAL DATA
2
1
3
MBRF2545CT
SCHOTTKY BARRIER
RECTIFIER
25 AMPERES
45 VOLTS
CASE 221D–02
ISOLATED TO–220
Motorola Preferred Device
1
3
2
Rev 1


Similar Part No. - MBRF2545CT

ManufacturerPart #DatasheetDescription
logo
General Semiconductor
MBRF2545CT GE-MBRF2545CT Datasheet
117Kb / 2P
SCHOTTKY ISOLATED PLASTIC RECTIFIER
logo
GOOD-ARK Electronics
MBRF2545CT GOOD-ARK-MBRF2545CT Datasheet
259Kb / 3P
Dual Schottky Barrier Rectifiers
logo
Taiwan Semiconductor Co...
MBRF2545CT TSC-MBRF2545CT Datasheet
120Kb / 2P
Isolation 25.0 AMPS. Schottky Barrier Rectifiers
MBRF2545CT TSC-MBRF2545CT Datasheet
357Kb / 2P
Isolated 25.0 AMPS. Schottky Barrier Rectifiers
logo
Vishay Siliconix
MBRF2545CT VISHAY-MBRF2545CT Datasheet
512Kb / 5P
Dual Common-Cathode Schottky Rectifier
08-Nov-07
More results

Similar Description - MBRF2545CT

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MBRF1545CT MOTOROLA-MBRF1545CT Datasheet
78Kb / 4P
SWITCHMODE??Schottky Power Rectifirers
MBRF20200CT MOTOROLA-MBRF20200CT Datasheet
82Kb / 4P
SWITCHMODE??Schottky Power Rectifirer
MBRF2045CT MOTOROLA-MBRF2045CT Datasheet
90Kb / 4P
SWITCHMODE??Schottky Power Rectifirer
MBRF2060CT MOTOROLA-MBRF2060CT Datasheet
84Kb / 4P
SWITCHMODE??Schottky Power Rectifirer
MBRF745 MOTOROLA-MBRF745 Datasheet
77Kb / 4P
SWITCHMODE??Schottky Power Rectifirer
MBRP20030CTL MOTOROLA-MBRP20030CTL Datasheet
82Kb / 4P
POWERTAPP?줚I SWITCHMODE??Power Rectifirer
MBRP20035L MOTOROLA-MBRP20035L Datasheet
55Kb / 2P
SWITCHMODE??Schottky Power Rectifirer
logo
ON Semiconductor
MBRB8H100T4G ONSEMI-MBRB8H100T4G Datasheet
81Kb / 6P
SWITCHMODE Schottky Power Rectifier
January, 2012 ??Rev. 4
MBRF2060CT ONSEMI-MBRF2060CT Datasheet
134Kb / 4P
SWITCHMODE Schottky Power Rectifier
December, 2009 ??Rev. 8
SBRD81035CTLT4G ONSEMI-SBRD81035CTLT4G Datasheet
120Kb / 6P
SWITCHMODE Schottky Power Rectifier
November, 2012 ??Rev. 9
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com