Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MBRF745 Datasheet(PDF) 2 Page - Motorola, Inc

Part # MBRF745
Description  SWITCHMODE??Schottky Power Rectifirer
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

MBRF745 Datasheet(HTML) 2 Page - Motorola, Inc

  MBRF745 Datasheet HTML 1Page - Motorola, Inc MBRF745 Datasheet HTML 2Page - Motorola, Inc MBRF745 Datasheet HTML 3Page - Motorola, Inc MBRF745 Datasheet HTML 4Page - Motorola, Inc  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
MBRF745
2
Rectifier Device Data
ELECTRICAL CHARACTERISTICS
Characteristic
Symbol
Max
Unit
Maximum Instantaneous Forward Voltage (3)
(iF = 15 Amp, TC = 25°C)
(iF = 15 Amp, TC = 125°C)
(iF = 7.5 Amp, TC = 125°C)
vF
0.84
0.72
0.57
Volts
Maximum Instantaneous Reverse Current (3)
(Rated DC Voltage, TC = 25°C)
(Rated DC Voltage, TC = 125°C)
iR
0.1
15
mA
(3) Pulse Test: Pulse Width = 300
µs, Duty Cycle ≤ 2.0%
0.7
Figure 1. Typical Forward Voltage
Figure 2. Typical Reverse Current
VR, REVERSE VOLTAGE (VOLTS)
iF, INSTANTANEOUS FORWARD VOLTAGE (VOLTS)
7
50
30
20
10
5
3
2
1
0.5
1.2
1
0.8
0.6
0.001
10
0
0.4
0.2
20
30
40
50
0.01
0.1
1
10
100
25
°C
TJ = 125°C
TJ = 150°C
75
°C
25
°C
75
°C
100
°C
125
°C



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com