Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TC4069UBFN Datasheet(PDF) 3 Page - Toshiba Semiconductor

Part # TC4069UBFN
Description  HEX INVERTER
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TC4069UBFN Datasheet(HTML) 3 Page - Toshiba Semiconductor

  TC4069UBFN Datasheet HTML 1Page - Toshiba Semiconductor TC4069UBFN Datasheet HTML 2Page - Toshiba Semiconductor TC4069UBFN Datasheet HTML 3Page - Toshiba Semiconductor TC4069UBFN Datasheet HTML 4Page - Toshiba Semiconductor TC4069UBFN Datasheet HTML 5Page - Toshiba Semiconductor TC4069UBFN Datasheet HTML 6Page - Toshiba Semiconductor TC4069UBFN Datasheet HTML 7Page - Toshiba Semiconductor TC4069UBFN Datasheet HTML 8Page - Toshiba Semiconductor TC4069UBFN Datasheet HTML 9Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 10 page
background image
TC4069UBP/UBF/UBFN/UBFT
2006-06-01
3
Static Electrical Characteristics (VSS = 0 V)
Test Condition
−40°C
25°C
85°C
Characteristics
Symbol
VDD
(V)
Min
Max
Min
Typ.
Max
Min
Max
Unit
High-level
output voltage
VOH
|IOUT| < 1 µA
VIN = VSS, VDD
5
10
15
4.95
9.95
14.95
⎯
⎯
⎯
4.95
9.95
14.95
5.00
10.00
15.00
⎯
⎯
⎯
4.95
9.95
14.95
⎯
⎯
⎯
V
Low-level
output voltage
VOL
|IOUT| < 1 µA
VIN = VSS, VDD
5
10
15
⎯
⎯
⎯
0.05
0.05
0.05
⎯
⎯
⎯
0.00
0.00
0.00
0.05
0.05
0.05
⎯
⎯
⎯
0.05
0.05
0.05
V
VOH = 4.6 V
VOH = 2.5 V
VOH = 9.5 V
VOH = 13.5 V
5
5
10
15
−0.61
−2.50
−1.50
−4.00
⎯
⎯
⎯
⎯
−0.51
−2.10
−1.30
−3.40
−1.0
−4.0
−2.2
−9.0
⎯
⎯
⎯
⎯
−0.42
−1.70
−1.10
−2.80
⎯
⎯
⎯
⎯
Output high
current
IOH
VIN = VSS
mA
VOL = 0.4 V
VOL = 0.5 V
VOL = 1.5 V
5
10
15
0.61
1.50
4.00
⎯
⎯
⎯
0.51
1.30
3.40
1.2
3.2
12.0
⎯
⎯
⎯
0.42
1.10
2.80
⎯
⎯
⎯
Output low
current
IOL
VIN = VDD
mA
VOUT = 0.5 V, 4.5 V
VOUT = 1.0 V, 9.0 V
VOUT = 1.5 V, 13.5 V
5
10
15
4.0
8.0
12.0
⎯
⎯
⎯
4.0
8.0
12.0
⎯
⎯
⎯
⎯
⎯
⎯
4.0
8.0
12.0
⎯
⎯
⎯
Input high
voltage
VIH
|IOUT| < 1 µA
mA
VOUT = 0.5 V, 4.5 V
VOUT = 1.0 V, 9.0 V
VOUT = 1.5 V, 13.5 V
5
10
15
⎯
⎯
⎯
1.0
2.0
3.0
⎯
⎯
⎯
⎯
⎯
⎯
1.0
2.0
3.0
⎯
⎯
⎯
1.0
2.0
3.0
Input low
voltage
VIL
|IOUT| < 1 µA
mA
“H”
level
IIH
VIL = 18 V
18
⎯
0.1
⎯
10−
5
0.1
⎯
1.0
Input
current “L”
level
IIL
VIL = 0 V
18
⎯
−0.1
⎯
−10−5
−0.1
⎯
−1.0
µA
Quiescent
supply current
IDD
VIN = VSS, VDD
(Note)
5
10
15
⎯
⎯
⎯
0.25
0.50
1.00
⎯
⎯
⎯
0.001
0.001
0.002
0.25
0.50
1.00
⎯
⎯
⎯
7.5
15.0
30.0
µA
Note: All valid input combinations.



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com