Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC6801IG Datasheet(PDF) 2 Page - Linear Technology

Part # LTC6801IG
Description  Independent Multicell Battery Stack Fault Monitor
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC6801IG Datasheet(HTML) 2 Page - Linear Technology

  LTC6801IG Datasheet HTML 1Page - Linear Technology LTC6801IG Datasheet HTML 2Page - Linear Technology LTC6801IG Datasheet HTML 3Page - Linear Technology LTC6801IG Datasheet HTML 4Page - Linear Technology LTC6801IG Datasheet HTML 5Page - Linear Technology LTC6801IG Datasheet HTML 6Page - Linear Technology LTC6801IG Datasheet HTML 7Page - Linear Technology LTC6801IG Datasheet HTML 8Page - Linear Technology LTC6801IG Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 28 page
background image
LTC6801
2
6801p
PIN CONFIGURATION
ABSOLUTE MAXIMUM RATINGS
Total Supply Voltage (V+ to V–) .................................60V
Input Voltage (Relative to V–)
C1 ............................................................ –0.3V to 9V
C12 ...........................................V+ –0.3V to V+ + 0.3V
All Other Pins (Not C Inputs) ................... –0.3V to 7V
Voltage Between Inputs
Cn to Cn-1* ............................................. –0.3V to 9V
C12 to C8............................................... –0.3V to 25V
C8 to C4................................................. –0.3V to 25V
C4 to V– ................................................. –0.3V to 25V
Operating Temperature Range.................. –40°C to 85°C
Specified Temperature Range .................. –40°C to 85°C
Junction Temperature ........................................... 150°C
Storage Temperature Range................... –65°C to 150°C
*n = 2 to 12
(Note 1)
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
17
18
TOP VIEW
G PACKAGE
36-LEAD PLASTIC SSOP
36
35
34
33
32
31
30
29
28
27
26
25
24
23
22
21
20
19
V+
C12
C11
C10
C9
C8
C7
C6
C5
C4
C3
C2
C1
V–
VTEMP1
VTEMP2
VREF
VREG
OV1
OV0
UV1
UV0
HYST
CC1
CC0
SLT
SLTOK
DC
EOUT
EOUT
SIN
SIN
SOUT
SOUT
EIN
EIN
TJMAX = 150°C, θJA = 70°C/W
ORDER INFORMATION
LEAD FREE FINISH
TAPE AND REEL
PART MARKING
PACKAGE DESCRIPTION
SPECIFIED TEMPERATURE RANGE
LTC6801IG#PBF
LTC6801IG#TRPBF
LTC6801IG
36-Lead Plastic SSOP
–40°C to 85°C
Consult LTC Marketing for information on lead based finish parts.
For more information on lead free part marking, go to: http://www.linear.com/leadfree/
For more information on tape and reel specifications, go to: http://www.linear.com/tapeandreel/



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com