Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BC1602A Datasheet(PDF) 1 Page - Bolymin, Inc

Part # BC1602A
Description  COB with metal frame 5x7 dots with cursor
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BOLYMIN [Bolymin, Inc]
Direct Link  http://www.bolymin.com.tw
Logo BOLYMIN - Bolymin, Inc

BC1602A Datasheet(HTML) 1 Page - Bolymin, Inc

  BC1602A Datasheet HTML 1Page - Bolymin, Inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
BC1602A
Feature
Mechanical Data
Item
Module Dimension
Viewing Area
Dot Size
Character Size
Standard Value Unit
Input Voltage
Supply Current
LCD Driving
Voltage
LED Forward
Voltage
Array LED
Forward Current
Edge LED
Forward Current
Vdd
Idd
Vdd-Vo
Vf
If
If
Vdd = +5V
Vdd = +5V
25 C
5.0
1.2
4.0
4.2
100
20
V
mA
V
V
mA
mA
TYP
Value
Electronic Characteristics
mm
mm
mm
mm
80.0 x 36.0
66.0 x 16.0
0.56 x 0.66
2.96 x 5.56
Dimension
BO LYM IN
1. COB with metal frame
2. 5x7 dots with cursor
3. Built-in controller KS0066 or equivalent
4. + 5V single power supply
5. 1/16 duty cycle
6. LED B/L pins:15/16, or A/K, or 1/2
7. Option: LED array/edge B/L, EL/BL
8. Option: +3V single power supply
9. Option: negative voltage (built-in, external)
o
25 C
o
25 C
o
Item
Symbol Condition
Unit
Pin Assignment
Pin
Symbol
Function
1
2
3
4
5
6
7~14
15
16
GND
+5V(+3V option)
Contrast adjustment
H/L register select signal
H/L read/write signal
H --> L enable signal
H/L data bus line
Power supply for B/L (+)
Power supply for B/L (GND)
Vss
Vdd
Vo
RS
R/W
E
DB0~7
A/Vee
K
EL Power
Voltage
Vel
Vel=110Vac/400Hz
V
25 C
o
o
Option
5.0
70 C
3.6
o
5.0
-20 C
5.0
o
5.0
71.2
56.21(AA)
66.0(VA)
80.0
± 0.5
4.95
4-Ø2.5 PTH
4-Ø5.0 PAD
2.5
75.0
P2.54*15=38.1
1 8
16 Ø1 0
-Ø1.0
40.55
1.6
0.56
0.6
2.96
0.59
3.55
2 4
DOT SIZE
SCALE 5/1
12.7(LED B/L)
8.9(EL or No B/L)
8.6(LED B/L)
4.8(EL or No B/L)
10.Option:LCD Vop Fix on 5V(-20 C~+70 C)
o


Similar Part No. - BC1602A

ManufacturerPart #DatasheetDescription
logo
Bolymin, Inc
BC1602A20 BOLYMIN-BC1602A20 Datasheet
147Kb / 1P
COB with metal frame 5x7 dots with cursor
BC1602A20C BOLYMIN-BC1602A20C Datasheet
128Kb / 1P
COB with metal frame 5x7 dots with cursor
BC1602A20C BOLYMIN-BC1602A20C_17 Datasheet
435Kb / 1P
COB with metal Frame
BC1602A3 BOLYMIN-BC1602A3 Datasheet
332Kb / 1P
COB with metal frame 5x7 dots with cursor
BC1602A3 BOLYMIN-BC1602A3_17 Datasheet
639Kb / 1P
COB with metal Frame
More results

Similar Description - BC1602A

ManufacturerPart #DatasheetDescription
logo
Bolymin, Inc
BC1602B3 BOLYMIN-BC1602B3 Datasheet
141Kb / 1P
COB with metal frame 5x7 dots with cursor
BC1602G BOLYMIN-BC1602G Datasheet
82Kb / 1P
COB with metal frame 5x7 dots with cursor
BC2002A20 BOLYMIN-BC2002A20 Datasheet
83Kb / 1P
COB with metal frame 5x7 dots with cursor
BC2004A20 BOLYMIN-BC2004A20 Datasheet
115Kb / 1P
COB with metal frame 5x7 dots with cursor
BC2004A BOLYMIN-BC2004A Datasheet
344Kb / 1P
COB with metal frame 5x7 dots with cursor
BC0802B BOLYMIN-BC0802B Datasheet
227Kb / 1P
COB with metal frame 5x7 dots with cursor
BC1601B BOLYMIN-BC1601B Datasheet
94Kb / 1P
COB with metal frame 5x7 dots with cursor
BC1602A20C BOLYMIN-BC1602A20C Datasheet
128Kb / 1P
COB with metal frame 5x7 dots with cursor
BC1602B2 BOLYMIN-BC1602B2 Datasheet
1Mb / 1P
COB with metal frame 5x7 dots with cursor
BC2002A20C BOLYMIN-BC2002A20C Datasheet
112Kb / 1P
COB with metal frame 5x7 dots with cursor
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com