Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

100-391M Datasheet(PDF) 1 Page - API Delevan

Part # 100-391M
Description  Micro i Ribbon-Lead Inductors
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  API [API Delevan]
Direct Link  http://www.delevan.com
Logo API - API Delevan

100-391M Datasheet(HTML) 1 Page - API Delevan

  100-391M Datasheet HTML 1Page - API Delevan  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
PAGE

www
.delevan.com E-mail: apisales@delevan.com
270 Quaker Rd., East Aurora NY 14052 • Phone 716-652-3600 • Fax 716-652-4814
6/2007
0.065
0.090
0.115
0.120
0.150
0.170
0.140
0.160
0.190
0.21
0.24
0.25
0.28
0.31
0.45
0.62
0.65
0.73
1.00
1.20
1.50
1.70
2.00
2.20
2.80
3.10
3.30
3.80
5.00
5.60
492
418
370
360
324
304
335
313
287
274
256
251
237
225
185
159
155
145
125
114
102
96
89
84
75
71
69
64
56
53
250
250
250
250
250
250
250
250
250
250
250
250
200
175
170
165
160
135
120
110
95
80
70
65
60
55
50
45
43
40
50.0
50.0
50.0
50.0
50.0
50.0
25.0
25.0
25.0
25.0
25.0
25.0
25.0
25.0
25.0
25.0
25.0
25.0
7.9
7.9
7.9
7.9
7.9
7.9
7.9
7.9
7.9
7.9
7.9
7.9
40
40
40
40
40
40
35
40
40
40
40
40
40
40
40
40
35
35
35
32
32
35
35
37
37
40
40
40
40
40
±30%
±30%
±30%
±30%
±30%
±30%
±20%
±20%
±20%
±20%
±20%
±20%
±20%
±20%
±20%
±20%
±20%
±20%
±10%
±10%
±10%
±10%
±10%
±10%
±10%
±10%
±10%
±10%
±10%
±10%
0.015
0.022
0.033
0.047
0.068
0.100
0.12
0.15
0.18
0.22
0.27
0.33
0.39
0.47
0.56
0.68
0.82
1.00
1.20
1.50
1.80
2.20
2.70
3.30
3.90
4.70
5.60
6.80
8.20
10.0
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
17
18
19
20
21
22
23
24
25
26
27
28
29
30
Military Specifications MS21367(LT10K)
Physical Parameters
Inches
Millimeters
A
0.065Max.
1.65Max.
B
0.100±0.010
2.54±0.254
C
0.100±0.010
2.54±0.254
D
0.210Min.
5.33Min.
E
0.012±0.002(Typ.)
0.30±0.05
F
0.095±0.015
2.41±0.381
G
0.002+0.001-0.000
0.05+0.025-0.000
Weight Max. (Grams)0.03
Current Rating at 90°C Ambient15°CRise
Operating Temperature Range –55°Cto+105°C
Maximum Power Dissipation at 90°C0.0205-Watts
Notes 1) L,QandSRFmeasuredonBoontonQ
andRXmetersusingspecialtestfixtures.Detailsfor
fixturesavailable.
2)Partnumberandquantitywill
appearonpackageasunitsaretoosmallforlegible
marking.
Core Material Iron(LT10K)
Mechanical Configuration 1)Unitsareepoxy
encapsulated.
2)Leadsaretin/leadplatedBeryllium
Copper
3)GoldPlatedleadsavailableonspecial
order.
4)RoHScompliantpartavailablebyordering
100RSeries.
Packaging Bulkonly
Made In the U.S.A. Patent Protected
MS21367– SERIES 100 IRON CORE (LT10K)
-150N
-220N
-330N
-470N
-680N
-101N
-121M
-151M
-181M
-221M
-271M
-331M
-391M
-471M
-561M
-681M
-821M
-102M
-122K
-152K
-182K
-222K
-272K
-332K
-392K
-472K
-562K
-682K
-822K
-103K
Parts listed above are QPL/MIL qualified
Optional Tolerances: J = 5% H = 3% G = 2% F = 1%
*Complete part # must include series # PLUS the dash #
For further surface finish information,
refer to TECHNICAL section of this catalog.
100R
100
Micro i® Ribbon-Lead Inductors
Series


Similar Part No. - 100-391M

ManufacturerPart #DatasheetDescription
logo
API Delevan
100-391M API-100-391M Datasheet
1Mb / 1P
Micro i짰 Ribbon-Lead Inductors
More results

Similar Description - 100-391M

ManufacturerPart #DatasheetDescription
logo
Sumida Corporation
SMI-I0603 SUMIDA-SMI-I0603 Datasheet
314Kb / 2P
Micro Inductors
logo
Murata Manufacturing Co...
KMP_1700 MURATA-KMP_1700 Datasheet
90Kb / 2P
Radial Lead Inductors
logo
API Delevan
103-100 API-103-100 Datasheet
235Kb / 1P
Micro i Chip Inductors
105-121M API-105-121M Datasheet
199Kb / 1P
Micro i Chip Inductors
160-100MS API-160-100MS Datasheet
207Kb / 1P
Micro i Chip Inductors
3094-100KS API-3094-100KS Datasheet
54Kb / 1P
Micro i Chip Inductors
100R API-100R_10 Datasheet
1Mb / 1P
Micro i짰 Ribbon-Lead Inductors
103R API-103R_10 Datasheet
1Mb / 1P
Micro i짰 Chip Inductors
100R-392F API-100R-392F Datasheet
1Mb / 1P
Micro i짰 Ribbon-Lead Inductors
logo
Molex Electronics Ltd.
100061 MOLEX1-100061 Datasheet
613Kb / 2P
Temp-Flex MediSpec High-Density Micro-Ribbon Cables
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com