Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

103-150 Datasheet(PDF) 1 Page - API Delevan

Part # 103-150
Description  Micro i Chip Inductors
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  API [API Delevan]
Direct Link  http://www.delevan.com
Logo API - API Delevan

103-150 Datasheet(HTML) 1 Page - API Delevan

  103-150 Datasheet HTML 1Page - API Delevan  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
6/2007
PAGE

www
.delevan.com E-mail: apisales@delevan.com
270 Quaker Rd., East Aurora NY 14052 • Phone 716-652-3600 • Fax 716-652-4814
0.060
0.069
0.078
0.093
0.108
0.114
0.120
0.133
0.145
0.170
0.195
0.212
0.230
0.125
0.175
0.200
0.220
0.230
0.235
0.240
0.260
0.278
0.520
0.530
0.540
0.740
0.840
0.920
1.00
1.15
1.40
1.55
1.80
2.00
2.20
2.50
3.45
3.80
5.60
5.80
6.40
6.90
1270
1190
1110
1030
950
925
900
860
820
760
705
675
650
880
745
695
665
650
645
635
610
590
435
430
425
360
340
325
310
290
260
250
230
220
210
195
165
160
135
130
125
120
2700
2450
2200
2000
1800
1625
1450
1335
1220
1110
1000
915
830
750
650
550
450
375
300
235
215
195
175
160
145
130
115
105
85
77
70
68
60
55
50
48
40
35
30
28
25
22
50.0
50.0
50.0
50.0
50.0
50.0
50.0
50.0
50.0
50.0
50.0
50.0
50.0
25.0
25.0
25.0
25.0
25.0
25.0
25.0
25.0
25.0
25.0
25.0
25.0
7.9
7.9
7.9
7.9
7.9
7.9
7.9
7.9
7.9
7.9
7.9
7.9
2.5
2.5
2.5
2.5
2.5
60
57
55
52
50
49
48
45
42
39
36
34
32
30
25
25
25
25
25
22
22
22
22
22
22
22
22
22
22
24
24
24
24
22
22
22
24
25
25
25
25
25
±(**)
±10%
±(**)
±10%
±(**)
±10%
±(**)
±10%
±(**)
±10%
±(**)
±10%
±(**)
±10%
±10%
±10%
±10%
±10%
±10%
±10%
±10%
±10%
±10%
±10%
±10%
±10%
±10%
±10%
±10%
±10%
±10%
±10%
±10%
±10%
±10%
±10%
±10%
±10%
±10%
±10%
±10%
±10%
0.010
0.012
0.015
0.018
0.022
0.027
0.033
0.039
0.047
0.056
0.068
0.082
0.100
0.12
0.15
0.18
0.22
0.27
0.33
0.39
0.47
0.56
0.68
0.82
1.0
1.2
1.5
1.8
2.2
2.7
3.3
3.9
4.7
5.6
6.8
8.2
10.0
12.0
15.0
18.0
22.0
27.0
30/37
38
31/39
40
32/41
42
33/43
44
34/45
46
35/47
48
36/49
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
17
18
19
20
21
22
23
24
25
26
27
28
29
Military Specifications MIL-PRF-83446/4
Physical Parameters
Inches
Millimeters
A
0.075Max.
1.91Max.
B
0.100±0.010
2.54±0.25
C
0.100±0.010
2.54±0.25
D
0.050Min.
1.27Min.
E
0.015Min.(Typ.)
0.38Min.(Typ.)
F
0.020Max.(Typ.)
0.51Max.(Typ.)
Weight Max.(Grams)0.03
Current Rating at 90°C Ambient 35°CRise
Operating Temperature Range –55°Cto+125°C
Maximum Power Dissipation at 90°C0.135Watts
Termination Finish Options (Part#Code)
GoldoverNickel(Standard):Asshown.
Tin/LeadoverNickel:Addsuffix“S”topart#(e.g.,
103-102KS).
Miltype“A:”GoldoverNickel(Standard)
Miltype“B”or“F:”Tin/Lead(solder)overNickel.
RoHStype:Order103R-XXXKS
Mechanical Configuration
Unitsareepoxyencapsulated.
Contactareasforreflowsolderingaregoldplatedper
MIL-G-45204Type-1-GradeA.Internalconnections
arethermalcompressionbonded.
Packaging Tape&reel(8mm):7"reel,2000pieces
max.;13"-reel,8000piecesmax.
Made In the U.S.A.
M83446/4– SERIES 103 PHENOLIC CORE
-100(*)
-120K
-150(*)
-180K
-220(*)
-270K
-330(*)
-390K
-470(*)
-560K
-680(*)
-820K
-101(*)
M83446/4– SERIES 103 FERRITE CORE
-121K
-151K
-181K
-221K
-271K
-331K
-391K
-471K
-561K
-681K
-821K
-102K
-122K
-152K
-182K
-222K
-272K
-332K
-392K
-472K
-562K
-682K
-822K
-103K
-123K
-153K
-183K
-223K
-273K
Parts listed above are QPL/MIL qualified
Optional Tolerances: J = 5% H = 3% G = 2% F = 1%
*Complete part # must include series # PLUS the dash #
For further surface finish information,
refer to TECHNICAL section of this catalog.
Notes 1)Designedspecificallyforreflowsolderingandotherhigh
temperatureprocesseswithmetalizededgestoexhibitsolder
fillet.
2)SelfResonantFrequency(SRF)Valuesabove250MHz
arecalculatedandforreferenceonly.
3)(**)-MSslashnumbers
availablein20%(Suffix“M”)and10%(Suffix“K”)tolerances.
103R
103
Micro i® Chip Inductors
Series


Similar Part No. - 103-150

ManufacturerPart #DatasheetDescription
logo
API Delevan
103-150K API-103-150K Datasheet
1Mb / 1P
Micro i짰 Chip Inductors
103-150M API-103-150M Datasheet
1Mb / 1P
Micro i짰 Chip Inductors
More results

Similar Description - 103-150

ManufacturerPart #DatasheetDescription
logo
Sumida Corporation
SMI-I0603 SUMIDA-SMI-I0603 Datasheet
314Kb / 2P
Micro Inductors
logo
API Delevan
100-150N API-100-150N Datasheet
233Kb / 1P
Micro i Ribbon-Lead Inductors
105-121M API-105-121M Datasheet
199Kb / 1P
Micro i Chip Inductors
160-100MS API-160-100MS Datasheet
207Kb / 1P
Micro i Chip Inductors
3094-100KS API-3094-100KS Datasheet
54Kb / 1P
Micro i Chip Inductors
103R API-103R_10 Datasheet
1Mb / 1P
Micro i짰 Chip Inductors
105R API-105R_10 Datasheet
1Mb / 1P
Micro i짰 Chip Inductors
3090R API-3090R Datasheet
1Mb / 1P
Micro i짰 Low Profile Chip Inductors
3094R API-3094R_10 Datasheet
1Mb / 1P
Micro i짰 Chip Inductors
P160R API-P160R Datasheet
1Mb / 1P
Power Micro i짰 Chip Inductors
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com