Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

160-180MS Datasheet(PDF) 1 Page - API Delevan

Part # 160-180MS
Description  Micro i Chip Inductors
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  API [API Delevan]
Direct Link  http://www.delevan.com
Logo API - API Delevan

160-180MS Datasheet(HTML) 1 Page - API Delevan

  160-180MS Datasheet HTML 1Page - API Delevan  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
1590
1515
1450
1395
1345
1295
1295
1255
1220
1195
1165
1150
1295
1295
1220
1125
1070
1025
985
950
915
890
860
835
795
740
695
610
545
475
410
370
325
310
290
275
270
255
230
200
185
180
175
150
145
140
135
125
120
100
95
90
85
80
75
70
65
55
50
42
40
0.050
0.055
0.060
0.065
0.070
0.075
0.075
0.080
0.085
0.088
0.093
0.095
0.075
0.075
0.085
0.10
0.11
0.12
0.13
0.14
0.15
0.16
0.17
0.18
0.20
0.23
0.26
0.34
0.42
0.56
0.76
0.93
1.2
1.3
1.5
1.7
1.8
1.9
2.4
3.2
3.7
3.8
4.2
5.5
6.1
6.6
7.0
8.3
8.9
13.0
14.0
16.0
17.0
18.0
22.0
28.0
32.0
44.0
48.0
75.0
81.0
900
900
900
900
900
900
900
900
850
800
750
700
600
550
420
390
340
290
250
230
220
210
200
190
180
170
150
140
130
120
100
98
91
76
48
46
42
39
30
26
24
23
22
18
17
13
12
11.0
10.0
9.1
8.6
7.6
6.8
5.6
4.5
4.0
3.8
3.5
3.4
3.2
2.8
150
150
150
150
100
100
100
100
100
100
100
100
25.0
25.0
25.0
25.0
25.0
25.0
25.0
25.0
25.0
25.0
25.0
25.0
25.0
25.0
25.0
25.0
7.9
7.9
7.9
7.9
7.9
7.9
7.9
7.9
7.9
7.9
7.9
7.9
2.5
2.5
2.5
2.5
2.5
2.5
2.5
2.5
2.5
2.5
2.5
2.5
0.79
0.79
0.79
0.79
0.79
0.79
0.79
0.79
0.79
48
48
48
48
48
48
48
48
48
48
48
48
50
50
50
50
50
50
50
50
50
50
50
50
50
50
50
50
36
36
36
36
40
40
47
47
44
40
40
46
41
46
46
47
47
47
50
50
50
50
50
47
30
32
32
32
32
32
32
28
28
±20%
±20%
±20%
±20%
±20%
±20%
±20%
±20%
±20%
±20%
±20%
±20%
±10%
±10%
±10%
±10%
±10%
±10%
±10%
±10%
±10%
±10%
±10%
±10%
±10%
±10%
±10%
±5%
±5%
±5%
±5%
±5%
±5%
±5%
±5%
±5%
±5%
±5%
±5%
±5%
±5%
±5%
±5%
±5%
±5%
±5%
±5%
±5%
±5%
±5%
±5%
±5%
±5%
±5%
±5%
±5%
±5%
±5%
±5%
±5%
±5%
0.010
0.012
0.015
0.018
0.022
0.027
0.033
0.039
0.047
0.056
0.068
0.082
0.100
0.120
0.150
0.180
0.220
0.270
0.300
0.330
0.360
0.390
0.430
0.470
0.560
0.680
0.820
1.00
1.20
1.50
1.80
2.20
2.70
3.30
3.90
4.70
5.60
6.80
8.20
10.0
12.0
15.0
18.0
22.0
27.0
33.0
39.0
47.0
56.0
68.0
82.0
100.0
120.0
150.0
180.0
220.0
270.0
330.0
390.0
470.0
560.0
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
17
18
19
20
21
22
23
24
25
26
27
28
29
30
31
32
33
34
35
36
37
38
39
40
41
42
43
44
45
46
47
48
49
50
51
52
53
54
55
56
57
58
59
60
61
Military Specifications MIL-PRF-83446/38
Physical Parameters
Inches
Millimeters
A
0.080Max.
2.03Max.
B
0.145to0.155
3.68to3.94
C
0.115to0.125
2.92to3.18
D
0.070Min.
1.78Min.
E
0.020to0.030
0.508to0.762
F
0.020Max.(Typ.)
0.51Max.
Current Rating at 90°C Ambient 35°CRise
Operating Temperature Range –55°Cto+125°C
Maximum Power Dissipation at 90°C 0.175Watts
Termination Standard-Tin/Lead.ForRoHS,order
160R-XXXKS.Contactfactoryforotherfinish
options.
Notes 1)Designedspecificallyforreflowsoldering
andotherhightemperatureprocesseswithmetalized
edgestoexhibitsolderfillet.
2)Optionalmarkingis
available.Partscanbeprintedwithdashnumber
(ie100,120,etc.).AddsuffixMtopartnumber.
For inductance valuesabove560µH,consultfactory.
Mechanical Configuration Unitsareepoxy
encapsulated.Contactareaforrefloware
soldercoated.Internalconnectionsarethermal
compressionbonded.
Packaging Bulkonly
For further surface finish information,
refer to TECHNICAL section of this catalog.
Made in the U.S.A.
M83446/38 – SERIES 160 PHENOLIC CORE
-100MS
-120MS
-150MS
-180MS
-220MS
-270MS
-330MS
-390MS
-470MS
-560MS
-680MS
-820MS
M83446/38 – SERIES 160 IRON CORE
-101KS
-121KS
-151KS
-181KS
-221KS
-271KS
-301KS
-331KS
-361KS
-391KS
-421KS
-471KS
-561KS
-681KS
-821KS
-102JS
-122JS
-152JS
-182JS
-222JS
-272JS
-332JS
-392JS
-472JS
-562JS
-682JS
-822JS
-103JS
-123JS
-153JS
-183JS
-223JS
-273JS
-333JS
-393JS
M83446/38 – SERIES 160 FERRITE CORE
-473JS
-563JS
-683JS
-823JS
-104JS
-124JS
-154JS
-184JS
-224JS
-274JS
-334JS
-394JS
-474JS
-564JS
Parts listed above are QPL/MIL qualified
Optional Tolerances: J = 5% H = 3% G = 2% F = 1%
*Complete part # must include series # PLUS the dash #
160R
160
Micro i® Chip Inductors
Series
PAGE

6/2007
www
.delevan.com E-mail: apisales@delevan.com
270 Quaker Rd., East Aurora NY 14052 • Phone 716-652-3600 • Fax 716-652-4814
MI
L I TARY
A
P P R O V ED


Similar Part No. - 160-180MS

ManufacturerPart #DatasheetDescription
logo
Dwyer Instruments,
160-18 DWYER-160-18 Datasheet
358Kb / 1P
STAINLESS STEEL PITOT TUBE ASME Design Meets AMCA and ASHRAE Codes
160-18-CF DWYER-160-18-CF Datasheet
358Kb / 1P
STAINLESS STEEL PITOT TUBE ASME Design Meets AMCA and ASHRAE Codes
More results

Similar Description - 160-180MS

ManufacturerPart #DatasheetDescription
logo
Sumida Corporation
SMI-I0603 SUMIDA-SMI-I0603 Datasheet
314Kb / 2P
Micro Inductors
logo
API Delevan
100-150N API-100-150N Datasheet
233Kb / 1P
Micro i Ribbon-Lead Inductors
103-100 API-103-100 Datasheet
235Kb / 1P
Micro i Chip Inductors
105-121M API-105-121M Datasheet
199Kb / 1P
Micro i Chip Inductors
3094-100KS API-3094-100KS Datasheet
54Kb / 1P
Micro i Chip Inductors
103R API-103R_10 Datasheet
1Mb / 1P
Micro i짰 Chip Inductors
105R API-105R_10 Datasheet
1Mb / 1P
Micro i짰 Chip Inductors
3090R API-3090R Datasheet
1Mb / 1P
Micro i짰 Low Profile Chip Inductors
3094R API-3094R_10 Datasheet
1Mb / 1P
Micro i짰 Chip Inductors
P160R API-P160R Datasheet
1Mb / 1P
Power Micro i짰 Chip Inductors
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com