Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

0925-183K Datasheet(PDF) 1 Page - API Delevan

Part # 0925-183K
Description  Molded Shielded RF Coils
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  API [API Delevan]
Direct Link  http://www.delevan.com
Logo API - API Delevan

0925-183K Datasheet(HTML) 1 Page - API Delevan

  0925-183K Datasheet HTML 1Page - API Delevan  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
670
635
610
585
545
530
495
485
460
440
430
405
385
247
228
217
202
193
185
173
136
124
118
111
106
122
115
108
96
88
83
75
69
64
61
59
51
88
75
69
64
61
53
46
43
40
670
635
610
585
545
530
495
485
460
440
430
405
385
247
228
217
202
193
185
173
136
124
118
111
106
122
115
108
96
88
83
75
69
64
61
59
51
27
24
22
20
18
16
14
13
12
0.10
0.11
0.12
0.13
0.15
0.16
0.18
0.19
0.21
0.23
0.24
0.27
0.30
0.73
0.86
0.95
1.10
1.20
1.30
1.50
2.40
2.90
3.20
3.60
4.00
3.00
3.40
3.80
4.90
5.80
6.50
7.90
9.30
11.0
12.0
13.0
16.8
5.80
7.90
9.40
11.0
12.0
16.0
21.0
24.0
28.0
490.0†
430.0†
415.0†
375.0†
330.0†
300.0†
260.0†
230.0
220.0
210.0
180.0
165.0
150.0
130.0
115.0
105.0
95.0
90.0
80.0
75.0
70.0
60.0
55.0
53.0
50.0
35.0
30.0
26.0
24.0
21.0
20.0
19.0
16.0
15.0
13.0
11.0
10.5
13.0
12.0
11.0
10.0
9.0
8.0
7.8
7.5
7.0
25.0
25.0
25.0
25.0
25.0
25.0
25.0
25.0
25.0
25.0
25.0
25.0
25.0
7.9
7.9
7.9
7.9
7.9
7.9
7.9
7.9
7.9
7.9
7.9
7.9
2.5
2.5
2.5
2.5
2.5
2.5
2.5
2.5
2.5
2.5
2.5
2.5
0.79
0.79
0.79
0.79
0.79
0.79
0.79
0.79
0.79
54
52
50
49
47
46
44
42
41
41
39
38
37
40
41
43
45
48
49
50
53
54
55
55
57
36
38
40
40
40
41
42
44
44
45
45
40
31
33
33
35
37
40
38
36
36
0.10
0.12
0.15
0.18
0.22
0.27
0.33
0.39
0.47
0.56
0.68
0.82
1.00
1.20
1.50
1.80
2.20
2.70
3.30
3.90
4.70
5.60
6.80
8.20
10.0
12.0
15.0
18.0
22.0
27.0
33.0
39.0
47.0
56.0
68.0
82.0
100.0
120.0
150.0
180.0
220.0
270.0
330.0
390.0
470.0
560.0
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
17
18
19
20
21
22
23
24
25
26
27
28
29
30
31
32
33
34
35
36
37
1
2
3
4
5
6
7
8
9
Military Specifications
MS21426 (LT10K); MS21427 (LT10K)
Physical Parameters
Inches
Millimeters
Length
0.250 ± 0.010
6.35 ± 0.25
Diameter
0.095 ± 0.010
2.41 ± 0.25
Lead Size
AWG #24 TCW
0.020 ± 0.0015
0.508 ± 0.038
Lead Length
1.5 ± 0.12
38.10 ± 3.05
Current Rating at 90°C Ambient 15°C Rise
Operating Temperature Range –55°C to +105°C
Maximum Power Dissipation at 90°C 0.0585 W
Weight Max. (Grams) 0.25
Incremental Current Current level which causes a
Max. of 5% change in inductance.
Coupling 3% Max.
† Self Resonant Frequency (SRF) values are
calculated and to be used for reference only.
Packaging Tape & reel: 12" reel, 3500 pieces max.;
14" reel, 6000 pieces max. For additional packaging
options, see technical section.
Made in the U.S.A.
MS21426– SERIES 0925 IRON CORE & SLEEVE (LT10K)
-101K
-121K
-151K
-181K
-221K
-271K
-331K
-391K
-471K
-561K
-681K
-821K
-102K
-122K
-152K
-182K
-222K
-272K
-332K
-392K
-472K
-562K
-682K
-822K
-103K
-123K
-153K
-183K
-223K
-273K
-333K
-393K
-473K
-563K
-683K
-823K
-104K
MS21427– SERIES 0925 FERRITE CORE & SLEEVE (LT10K)
-124K
-154K
-184K
-224K
-274K
-334K
-394K
-474K
-564K
Parts listed above are QPL/MIL qualified
Optional Tolerances:
J = 5%
H = 3%
*Complete part # must include series # PLUS the dash #
For further surface finish information,
refer to TECHNICAL section of this catalog.
0925R
0925
Molded Shielded RF Coils
M
I L I TA RY
A
P P R O V E D
Series
4/2005
PAGE
53
www
.delevan.com E-mail: apisales@delevan.com
270 Quaker Rd., East Aurora NY 14052 • Phone 716-652-3600 • Fax 716-652-4814


Similar Part No. - 0925-183K

ManufacturerPart #DatasheetDescription
logo
API Delevan
0925-183K API-0925-183K Datasheet
1Mb / 1P
Molded Shielded RF Coils
More results

Similar Description - 0925-183K

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
1641-101K ETC1-1641-101K Datasheet
44Kb / 1P
Molded Shielded RF Coils
logo
API Delevan
1025R-94K API-1025R-94K Datasheet
53Kb / 1P
Molded Unshielded RF Coils
1641-101K API-1641-101K Datasheet
51Kb / 1P
Molded Shielded RF Coils
2500-00J API-2500-00J Datasheet
53Kb / 1P
Molded Unshielded RF Coils
511R API-511R Datasheet
1Mb / 1P
Molded Unshielded RF Coils
0925R API-0925R_10 Datasheet
1Mb / 1P
Molded Shielded RF Coils
1638R API-1638R_10 Datasheet
1Mb / 1P
Molded Unshielded RF Coils
1641R API-1641R_10 Datasheet
1Mb / 1P
Molded Shielded RF Coils
1944R API-1944R_10 Datasheet
1Mb / 1P
Molded Unshielded RF Coils
4307R API-4307R Datasheet
1Mb / 1P
Molded Shielded RF Coils
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com