Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LA45B-GY-R1-PF Datasheet(PDF) 3 Page - LIGITEK electronics co., ltd.

Part # LA45B-GY-R1-PF
Description  LED ARRAY
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LIGITEK [LIGITEK electronics co., ltd.]
Direct Link  http://www.ligitek.com
Logo LIGITEK - LIGITEK electronics co., ltd.

LA45B-GY-R1-PF Datasheet(HTML) 3 Page - LIGITEK electronics co., ltd.

  LA45B-GY-R1-PF Datasheet HTML 1Page - LIGITEK electronics co., ltd. LA45B-GY-R1-PF Datasheet HTML 2Page - LIGITEK electronics co., ltd. LA45B-GY-R1-PF Datasheet HTML 3Page - LIGITEK electronics co., ltd. LA45B-GY-R1-PF Datasheet HTML 4Page - LIGITEK electronics co., ltd. LA45B-GY-R1-PF Datasheet HTML 5Page - LIGITEK electronics co., ltd. LA45B-GY-R1-PF Datasheet HTML 6Page - LIGITEK electronics co., ltd. LA45B-GY-R1-PF Datasheet HTML 7Page - LIGITEK electronics co., ltd.  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
60
80
20
Y
50
20
12
2.6
1.7
30
565
Green Diffused
Green
GaP
50
12
8.0
2.6
1.7
35
585
Yellow Diffused
Yellow
GaAsP/GaP
LA45B/GY/R1-PF
Min.
Typ.
Max.
Min.
Lens
Emitted
COLOR
MATERIAL
PART NO
G
Luminous
intensity
@10mA(mcd)
Viewing
angle
2
θ 1/2
(deg)
Spectral
halfwidth
△λnm
Peak
wave
length
λPnm
Forward
voltage
@20mA(V)
Note : 1.The forward voltage data did not including
±0.1V testing tolerance.
2. The luminous intensity data did not including
±15% testing tolerance.
mA
mW
mA
μA
℃
℃
UNIT
Absolute Maximum Ratings at Ta=25
℃
120
100
IFP
PD
30
10
IF
Ir
Power Dissipation
Forward Current
Reverse Current @5V
Peak Forward Current
Duty 1/10@10KHz
Tstg
Topr
-40 ~ +100
-40 ~ +85
Storage Temperature
Operating Temperature
Parameter
Ratings
Symbol
Page 2/6
LIGITEK ELECTRONICS CO.,LTD.
Property of Ligitek Only
Typical Electrical & Optical Characteristics (Ta=25
℃)
PART NO. LA45B/GY/R1-PF



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com