Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2020R-04K Datasheet(PDF) 1 Page - API Delevan

Part # 2020R-04K
Description  Radial Toroidal Inductors
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  API [API Delevan]
Direct Link  http://www.delevan.com
Logo API - API Delevan

2020R-04K Datasheet(HTML) 1 Page - API Delevan

  2020R-04K Datasheet HTML 1Page - API Delevan  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
2200
2000
1800
1600
1500
1400
1300
1200
1100
1000
900
800
750
700
630
530
470
420
390
360
330
310
300
290
280
0.04
0.05
0.06
0.07
0.08
0.10
0.11
0.14
0.17
0.22
0.27
0.30
0.35
0.40
0.50
0.70
0.90
1.1
1.3
1.5
1.8
2.0
2.2
2.4
2.6
25.0
25.0
25.0
25.0
25.0
25.0
25.0
25.0
25.0
25.0
25.0
25.0
25.0
7.9
7.9
7.9
7.9
7.9
7.9
7.9
7.9
7.9
7.9
7.9
7.9
450
400
350
320
300
280
260
240
220
200
180
160
150
130
120
110
100
90
70
60
50
45
40
37
35
55
60
60
60
65
65
65
65
65
70
70
70
70
60
60
60
60
60
60
60
60
60
60
60
60
±10%
±10%
±10%
±10%
±10%
±10%
±10%
±10%
±10%
±10%
±10%
±10%
±5%
±5%
±5%
±5%
±5%
±5%
±5%
±5%
±5%
±5%
±5%
±5%
±5%
01
02
03
04
05
06
07
08
09
10
11
12
13
14
15
16
17
18
19
20
21
22
23
24
25
0.10
0.12
0.15
0.18
0.22
0.27
0.33
0.39
0.47
0.56
0.68
0.82
1.0
1.2
1.5
1.8
2.2
2.7
3.3
3.9
4.7
5.6
6.8
8.2
10.0
Military Specifications MS-21422(LT4K)
Physical Parameters
Inches
Millimeters
A
0.200to0.230
5.08to5.84
B
0.190to0.210
4.83to5.33
C
0.090to0.110
2.29to2.79
D
0.090to0.110
2.29to2.79
E
1.00Min.
25.40Min.
F
0.0185to0.0215
0.47to0.55
Current Rating at 90°C Ambient 35°CRise
Operating Temperature Range –55°Cto+125°C
Maximum Power Dissipation at 90°C 0.2Watts
Weight Max.(Grams)0.5
Core Material Iron
Lead Size AWG#24TCW
Note Inductancemeasured.25”frombody
Packaging Bulkonly
Made In the U.S.A.
MS21422– SERIES 2020 IRON CORE (LT4K)
-00K
-02K
-04K
-06K
-08K
-10K
-12K
-14K
-16K
-18K
-20K
-22K
-24J
-26J
-28J
-30J
-32J
-34J
-36J
-38J
-40J
-42J
-44J
-46J
-48J
Parts listed above are QPL/MIL qualified
Optional Tolerances: J = 5% H = 3% G = 2% F = 1%
*Complete part # must include series # PLUS the dash #
For further surface finish information,
refer to TECHNICAL section of this catalog.
2020R
2020
Radial Toroidal Inductors
MI
L I TARY
A
P P R O V ED
Series
PAGE
60
www
.delevan.com E-mail: apisales@delevan.com
270 Quaker Rd., East Aurora NY 14052 • Phone 716-652-3600 • Fax 716-652-4814
6/2007


Similar Part No. - 2020R-04K

ManufacturerPart #DatasheetDescription
logo
API Delevan
2020R-04K API-2020R-04K Datasheet
1Mb / 1P
Radial Toroidal Inductors
More results

Similar Description - 2020R-04K

ManufacturerPart #DatasheetDescription
logo
PCA ELECTRONICS INC.
EP9585-1 PCA-EP9585-1 Datasheet
23Kb / 1P
Toroidal Power Inductors
logo
API Delevan
4445-01M API-4445-01M Datasheet
39Kb / 1P
Radial Toroidal Inductors
2020R API-2020R_10 Datasheet
1Mb / 1P
Radial Toroidal Inductors
2727R API-2727R Datasheet
1Mb / 1P
Radial Toroidal Inductors
4445R API-4445R_10 Datasheet
1Mb / 1P
Radial Toroidal Inductors
logo
Cooper Bussmann, Inc.
CTX100-5-52-R COOPER-CTX100-5-52-R Datasheet
238Kb / 4P
LOWCOST POWER INDUCTORS Toroidal Inductors
logo
Pulse A Technitrol Comp...
PE-50502NL PULSE-PE-50502NL Datasheet
65Kb / 1P
TOROIDAL INDUCTORS
PE-51507NL PULSE-PE-51507NL Datasheet
72Kb / 1P
TOROIDAL INDUCTORS
PE-51515NL PULSE-PE-51515NL Datasheet
72Kb / 1P
TOROIDAL INDUCTORS
P589 PULSE-P589 Datasheet
72Kb / 1P
TOROIDAL INDUCTORS
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com