Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

4445-10M Datasheet(PDF) 1 Page - API Delevan

Part # 4445-10M
Description  Radial Toroidal Inductors
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  API [API Delevan]
Direct Link  http://www.delevan.com
Logo API - API Delevan

4445-10M Datasheet(HTML) 1 Page - API Delevan

  4445-10M Datasheet HTML 1Page - API Delevan  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
3000
3000
3000
3000
3000
3000
3000
3000
3000
3000
2500
2200
2200
2000
1800
1600
1500
1400
1300
1150
1000
900
800
750
700
0.020
0.020
0.020
0.020
0.020
0.020
0.020
0.020
0.020
0.020
0.030
0.040
0.040
0.050
0.060
0.070
0.080
0.100
0.120
0.150
0.200
0.250
0.300
0.350
0.400
1000
1000
1000
1000
900
800
750
700
650
600
550
500
450
400
350
320
300
280
260
240
220
200
180
160
150
150
150
150
150
100
100
100
100
100
100
100
100
50
50
50
50
50
50
50
50
50
50
50
50
50
60
60
60
60
60
60
60
60
60
60
60
60
80
80
80
80
80
80
80
80
80
70
70
70
70
± 20%
± 20%
± 20%
± 20%
± 20%
± 20%
± 20%
± 20%
± 20%
± 20%
± 20%
± 20%
± 10%
± 10%
± 10%
± 10%
± 10%
± 10%
± 10%
± 10%
± 10%
± 10%
± 10%
± 10%
± 10%
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
17
18
19
20
21
22
23
24
25
0.010
0.012
0.015
0.018
0.022
0.027
0.033
0.039
0.047
0.056
0.068
0.082
0.100
0.120
0.150
0.180
0.220
0.270
0.330
0.390
0.470
0.560
0.680
0.820
1.000
Military Specification MS-21423 (ref.)
Mechanical Configuration Units are radial leaded
and encapsulated in an epoxy molded package.
Physical Parameters
Inches
Millimeters
A
0.200 to 0230
5.08 to 5.84
B
0.190 to 0.210
4.83 to 5.33
C
0.090 to 0.110
2.29 to 2.79
D
0.090 to 0.110
2.29 to 2.79
E
1.00 Min.
25.4 Min.
F
0.0185 to 0.0215
0.470 to 0.546
Operating Temperature –55°C to +125°C
Current Rating at 90°C Ambient 35°C Rise
Maximum Power Dissipation at 90°C 0.200 W
Note Inductance measured 0.25" from body.
Weight Max. (Grams) 0.5
Packaging Bulk only
Made in the U.S.A.
**
* Note: Self Resonant Frequency (SRF) values
above 250 MHz are calculated and for reference only.
MS21423 (Ref.) – SERIES 4445
-01M
-02M
-03M
-04M
-05M
-06M
-07M
-08M
-09M
-10M
-11M
-12M
-13K
-14K
-15K
-16K
-17K
-18K
-19K
-20K
-21K
-22K
-23K
-24K
-25K
Optional Tolerances:
J = 5% H = 3% G = 2%
(Dash 01-12 Min. Tolerance is ±5%)
*Complete part # must include series # PLUS the dash #
For further surface finish information,
refer to TECHNICAL section of this catalog.
4445R
4445
Radial Toroidal Inductors
Series
PAGE
62
www
.delevan.com E-mail: apisales@delevan.com
270 Quaker Rd., East Aurora NY 14052 • Phone 716-652-3600 • Fax 716-652-4814
4/2005


Similar Part No. - 4445-10M

ManufacturerPart #DatasheetDescription
logo
API Delevan
4445-10M API-4445-10M Datasheet
1Mb / 1P
Radial Toroidal Inductors
More results

Similar Description - 4445-10M

ManufacturerPart #DatasheetDescription
logo
PCA ELECTRONICS INC.
EP9585-1 PCA-EP9585-1 Datasheet
23Kb / 1P
Toroidal Power Inductors
logo
API Delevan
2020-00K API-2020-00K Datasheet
190Kb / 1P
Radial Toroidal Inductors
2020R API-2020R_10 Datasheet
1Mb / 1P
Radial Toroidal Inductors
2727R API-2727R Datasheet
1Mb / 1P
Radial Toroidal Inductors
4445R API-4445R_10 Datasheet
1Mb / 1P
Radial Toroidal Inductors
logo
Cooper Bussmann, Inc.
CTX100-5-52-R COOPER-CTX100-5-52-R Datasheet
238Kb / 4P
LOWCOST POWER INDUCTORS Toroidal Inductors
logo
Pulse A Technitrol Comp...
PE-50502NL PULSE-PE-50502NL Datasheet
65Kb / 1P
TOROIDAL INDUCTORS
PE-51507NL PULSE-PE-51507NL Datasheet
72Kb / 1P
TOROIDAL INDUCTORS
PE-51515NL PULSE-PE-51515NL Datasheet
72Kb / 1P
TOROIDAL INDUCTORS
P589 PULSE-P589 Datasheet
72Kb / 1P
TOROIDAL INDUCTORS
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com