Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

4726-120 Datasheet(PDF) 1 Page - API Delevan

Part # 4726-120
Description  Air Core Inductors
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  API [API Delevan]
Direct Link  http://www.delevan.com
Logo API - API Delevan

4726-120 Datasheet(HTML) 1 Page - API Delevan

  4726-120 Datasheet HTML 1Page - API Delevan  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Air Core Inductors
Series 4726R
4726
-22
-27
-33
-35
-39
-47
-56
-60
-68
-82
-100
-120
-150
4
5
5
5
6
6
7
7
7
8
9
9
10
22
27
33
35
39
47
56
60
68
82
100
120
150
95
100
115
115
115
120
120
135
135
135
135
135
140
150
150
150
150
150
150
150
150
150
150
150
150
150
3.0
2.7
2.5
2.0
2.0
1.7
1.5
1.5
1.4
1.3
1.2
1.2
1.0
3.0
3.0
3.0
3.0
3.0
3.0
3.0
3.0
3.0
3.0
3.0
3.0
3.0
3/01/2009
Physical Parameters
Inches
Millimeters
A
0.175 Max .
4.445 Max .
B
0.165 Max .
4.191 Max .
C
0.220 Max .
5.588 Max .
D
0.170 ± 0.015
4.318 ± 0.38
E
0.060 ± 0.020
1.524 ± 0.51
F
0.228
5.79
G
0.103
2.62
H
0.203
5.16
I
0.058
1.47
J
0.112
2.84
Operating Temperature -55°C to +125°C;
Inductance and Q Tested on HP4191A
Hand Adjustable when ordered with dissolvable
cap or without cap. Removable cap allows for pick
and place application and dissolves with board
cleaning solvents. Suffix the part number RC to order
a removable cap; suffix the part number NC to order
without cap.
Ordering Example
4726-150
Capped Air Core (SnPb)
4726-150RC Removable Capped Air Core (SnPb)
4726R-150NC Without Cap Air Core (RoHS)
SERIES 4726 AND 4726R AIR CORES
For further surface finish information,
refer to TECHNICAL section of this catalog.
API Delevan
®
www.delevan.com email: apisales@delevan.com
270 Quaker Road, East Aurora NY 14052 • Phone: 716-652-3600 • Fax: 716-652-4814
High Q, wire wound air cores
Designed to operate over a wide
frequency range
*Complete part # must include series # PLUS the dash # See Hand Adjustable Note


Similar Part No. - 4726-120

ManufacturerPart #DatasheetDescription
logo
API Delevan
4726-120 API-4726-120 Datasheet
1Mb / 1P
Air Core Inductors
More results

Similar Description - 4726-120

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
4426-1 ETC1-4426-1 Datasheet
39Kb / 1P
Air Core Inductors
5526-1 ETC1-5526-1 Datasheet
30Kb / 1P
Air Core Inductors
logo
Coilcraft lnc.
GA3092-AL COILCRAFT-GA3092-AL Datasheet
213Kb / 2P
Air Core Inductors
0806SQ-5N5-L COILCRAFT-0806SQ-5N5-L Datasheet
267Kb / 3P
Square Air Core Inductors
logo
API Delevan
4426R API-4426R Datasheet
1Mb / 1P
Air Core Inductors
4726R API-4726R Datasheet
1Mb / 1P
Air Core Inductors
5526R API-5526R Datasheet
1Mb / 1P
Air Core Inductors
logo
Coilcraft lnc.
AT392RAS COILCRAFT-AT392RAS Datasheet
452Kb / 2P
240째C Air Core Inductors
AT536RAT COILCRAFT-AT536RAT Datasheet
663Kb / 2P
200째C Air Core Inductors
NA5931 COILCRAFT-NA5931_14 Datasheet
228Kb / 2P
Air Core Inductors
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com