Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LP404R-R36M Datasheet(PDF) 1 Page - API Delevan

Part # LP404R-R36M
Description  Commercial Low Profile Surface Mount Power Inductors
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  API [API Delevan]
Direct Link  http://www.delevan.com
Logo API - API Delevan

LP404R-R36M Datasheet(HTML) 1 Page - API Delevan

  LP404R-R36M Datasheet HTML 1Page - API Delevan  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
API Delevan
American Precision Industries
® www.delevan.com email: apisales@delevan.com
270 Quaker Road, East Aurora NY 14052 • Phone: 716-652-3600 • Fax: 716-652-4814
Series
-R36M
0.36
1.20
30.0
60.0
-R45M
0.45
1.50
29.0
45.0
-R56M
0.56
1.80
25.0
40.0
-R88M
0.88
3.00
20.0
38.0
-1R0M
1.0
3.30
18.0
36.0
-1R5M
1.5
4.20
16.0
33.0
For further surface finish information
refer to TECHNICAL section of this catalog.
10/20/2008
Physical Parameters
Inches
Millimeters
A
0.453 Max.
11.5 Max.
B
0.406 Max.
10.3 Max.
C
0.157 Max.
4.0 Max.
D
0.098 to 0.138
2.5 to 3.5
E
0.075 to 0.098
1.9 to 2.5
F
0.283 (Ref. only)
7.2 (Ref. only)
Dimensions "A" and "C" are over terminals.
Operating Temperature Range -20°C to +125°C
Current Rating at 25° Ambient 40°C Rise
Inductance Measured at 0.25VAC with no
DC Current
Incremental Current The current at which the
inductance will be decreased by a maximum of
20% from its initial 0 DC value.
Application Frequency Range to 1.0MHz
Packaging Tape & reel: 13" reel,
500 pieces max
.
Unique inductive coil construction presents two
outer coils ends, each integrally formed into a
terminal lead at opposed sides of the inductor.
SERIES LP4040R METAL DUST CORE
Commercial Low Profile
Surface Mount Power Inductors
LP4040R
A
1R0
B
D
C
F
E


Similar Part No. - LP404R-R36M

ManufacturerPart #DatasheetDescription
logo
API Delevan
LP4040R-1R0M API-LP4040R-1R0M Datasheet
173Kb / 1P
Commercial Low Profile Surface Mount Power Inductors
LP4040R-1R5M API-LP4040R-1R5M Datasheet
173Kb / 1P
Commercial Low Profile Surface Mount Power Inductors
LP4040R-1R8M API-LP4040R-1R8M Datasheet
173Kb / 1P
Commercial Low Profile Surface Mount Power Inductors
LP4040R-2R2M API-LP4040R-2R2M Datasheet
173Kb / 1P
Commercial Low Profile Surface Mount Power Inductors
LP4040R-R15M API-LP4040R-R15M Datasheet
173Kb / 1P
Commercial Low Profile Surface Mount Power Inductors
More results

Similar Description - LP404R-R36M

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
HM77 ETC-HM77 Datasheet
59Kb / 4P
Low Profile Surface Mount Inductors
logo
Bi technologies
HM70 BITECH-HM70 Datasheet
721Kb / 3P
High Power Shielded Low Profile Surface Mount Inductors
HM77 BITECH-HM77 Datasheet
651Kb / 2P
Low Profile Surface Mount Inductors
logo
API Delevan
LP5035R-R15M API-LP5035R-R15M Datasheet
282Kb / 1P
Commercial Low Profile Surface Mount Power Inductors
logo
CAMBION Electronic Comp...
555-8064 CAMBION-555-8064 Datasheet
46Kb / 2P
Surface mount power inductors, 7mm low profile
logo
API Delevan
LP4040R API-LP4040R_10 Datasheet
173Kb / 1P
Commercial Low Profile Surface Mount Power Inductors
logo
Bi technologies
HM77 BITECH-HM77_15 Datasheet
883Kb / 2P
Low Profile Surface Mount Inductors
logo
TT Electronics.
HM73 TTELEC-HM73 Datasheet
330Kb / 3P
Shielded Low Profile Surface Mount Inductors
HM70 TTELEC-HM70 Datasheet
698Kb / 3P
High Power Shielded Low Profile Surface Mount Inductors
HM77 TTELEC-HM77 Datasheet
897Kb / 2P
Low Profile Surface Mount Inductors
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com