Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

4470R-08K Datasheet(PDF) 1 Page - API Delevan

Part # 4470R-08K
Description  Molded Unshielded RF Coils
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  API [API Delevan]
Direct Link  http://www.delevan.com
Logo API - API Delevan

4470R-08K Datasheet(HTML) 1 Page - API Delevan

  4470R-08K Datasheet HTML 1Page - API Delevan  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
136.0
124.0
112.0
100.0
92.0
81.6
72.0
68.0
64.0
57.6
52.0
45.6
40.0
36.0
32.0
28.8
25.6
24.0
22.4
20.8
20.0
17.6
16.0
14.4
13.6
12.0
11.2
9.60
8.80
7.20
6.00
5.20
4.40
3.20
2.56
2.24
1.92
1.68
1.52
1.36
1.20
1.04
0.96
0.80
0.76
0.68
0.60
0.52
0.47
0.03
0.03
0.03
0.03
0.04
0.04
0.04
0.05
0.05
0.06
0.06
0.09
0.15
0.20
0.30
0.40
0.50
0.60
0.70
1.00
1.30
1.80
2.40
2.80
3.20
4.10
6.40
9.50
12.0
13.0
14.0
15.5
17.0
18.5
20.0
22.0
24.0
27.0
29.0
32.0
35.0
40.0
45.0
49.0
53.0
60.0
67.0
75.0
80.0
4000
4000
4000
4000
3500
3500
3500
3100
3100
3000
3000
2400
1800
1600
1300
1150
1000
900
850
720
620
540
450
425
400
360
280
240
200
195
190
180
170
165
155
150
145
137
130
125
120
112
105
100
95
90
85
82
80
130
130
130
130
130
100
100
80
75
65
65
65
75
75
75
75
75
70
70
70
75
80
100
100
100
100
100
95
95
70
65
65
60
75
75
75
75
75
75
65
65
65
65
65
65
65
65
65
65
15.0
15.0
10.0
10.0
10.0
10.0
7.9
7.9
7.9
7.9
7.9
7.9
5.0
5.0
5.0
5.0
2.5
2.5
2.5
2.5
2.5
2.5
2.5
2.5
1.5
1.5
1.0
1.0
1.0
1.0
0.79
0.79
0.79
0.50
0.50
0.50
0.50
0.50
0.40
0.40
0.25
0.25
0.25
0.25
0.25
0.25
0.25
0.25
0.15
25.0
7.9
7.9
7.9
7.9
7.9
7.9
7.9
7.9
7.9
7.9
7.9
7.9
2.5
2.5
2.5
2.5
2.5
2.5
2.5
2.5
2.5
2.5
2.5
2.5
0.79
0.79
0.79
0.79
0.79
0.79
0.79
0.79
0.79
0.79
0.79
0.79
0.79
0.79
0.79
0.25
0.25
0.25
0.25
0.25
0.25
0.25
0.25
0.25
± 10%
± 10%
± 10%
± 10%
± 10%
± 10%
± 10%
± 10%
± 10%
± 10%
± 10%
± 10%
± 10%
± 10%
±5%
±5%
±5%
±5%
±5%
±5%
±5%
±5%
±5%
±5%
±5%
±5%
±5%
±5%
±5%
±5%
±5%
±5%
±5%
±5%
±5%
±5%
±5%
±5%
±5%
±5%
±5%
±5%
±5%
±5%
±5%
±5%
±5%
±5%
±5%
1.0
1.2
1.5
1.8
2.2
2.7
3.3
3.9
4.7
5.6
6.8
8.2
10.0
12.0
15.0
18.0
22.0
27.0
33.0
39.0
47.0
56.0
68.0
82.0
100.0
120.0
150.0
180.0
220.0
270.0
330.0
390.0
470.0
560.0
680.0
820.0
1000.0
1200.0
1500.0
1800.0
2200.0
2700.0
3300.0
3900.0
4700.0
5600.0
6800.0
8200.0
10000.0
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
17
18
19
20
21
22
23
24
25
26
27
28
29
30
31
32
33
34
35
36
37
38
39
40
41
42
43
44
45
46
47
48
49
Physical Parameters
Inches
Millimeters
Length
0.880 to 0.910
22.35 to 23.11
Diameter
0.270 to 0.310
6.86 to 7.87
Lead Size
AWG #21 TCW
0.0260 to .0305 0.66 to 0.77
Lead Length
1.30 Min.
33.02 Min.
Operating Temperature –55°C to +125°C
Current Rating at 90°C Ambient 35°C Rise
Maximum Power Dissipation at 90°C 0.540 W
Test Methods MIL-PRF-15305 test methods, only.
MS21380-01 to MS21380-49, reference.
Packaging Tape & reel: 12" reel, 800 pieces max.;
14" reel, 1300 pieces max. For additional packaging
options, see technical section.
Made in the U.S.A.
MS21380 (Reference) – SERIES 4470 IRON CORE
-01K
-02K
-03K
-04K
-05K
-06K
-07K
-08K
-09K
-10K
-11K
-12K
-13K
-14K
-15J
-16J
-17J
-18J
-19J
-20J
-21J
-22J
-23J
-24J
-25J
-26J
-27J
-28J
-29J
-30J
-31J
-32J
-33J
-34J
-35J
-36J
-37J
-38J
-39J
-40J
-41J
-42J
-43J
-44J
-45J
-46J
-47J
-48J
-49J
Optional Tolerances:
J = 5%
H = 3%
G = 2%
F = 1%
*Complete part # must include series # PLUS the dash #
For further surface finish information,
refer to TECHNICAL section of this catalog.
4470R
4470
Molded Unshielded RF Coils
Series
PAGE
52
www
.delevan.com E-mail: apisales@delevan.com
270 Quaker Rd., East Aurora NY 14052 • Phone 716-652-3600 • Fax 716-652-4814
4/2005


Similar Part No. - 4470R-08K

ManufacturerPart #DatasheetDescription
logo
API Delevan
4470R-08K API-4470R-08K Datasheet
1Mb / 1P
Molded Unshielded RF Coils
More results

Similar Description - 4470R-08K

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
2534-00K ETC1-2534-00K Datasheet
40Kb / 1P
Molded Unshielded RF Coils
logo
API Delevan
1025R-94K API-1025R-94K Datasheet
53Kb / 1P
Molded Unshielded RF Coils
1537-00M API-1537-00M Datasheet
51Kb / 1P
Molded Unshielded RF Coils
1840-00M API-1840-00M Datasheet
52Kb / 1P
Molded Unshielded RF Coils
2500-00J API-2500-00J Datasheet
53Kb / 1P
Molded Unshielded RF Coils
511R API-511R Datasheet
1Mb / 1P
Molded Unshielded RF Coils
0819R API-0819R Datasheet
1Mb / 1P
Molded Unshielded RF Coils
1638R API-1638R_10 Datasheet
1Mb / 1P
Molded Unshielded RF Coils
1944R API-1944R_10 Datasheet
1Mb / 1P
Molded Unshielded RF Coils
2534R API-2534R Datasheet
1Mb / 1P
Molded Unshielded RF Coils
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com