Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LP5050R-R47M Datasheet(PDF) 1 Page - API Delevan

Part # LP5050R-R47M
Description  Commercial Low Profile Surface Mount Power Inductors
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  API [API Delevan]
Direct Link  http://www.delevan.com
Logo API - API Delevan

LP5050R-R47M Datasheet(HTML) 1 Page - API Delevan

  LP5050R-R47M Datasheet HTML 1Page - API Delevan  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
API Delevan
American Precision Industries
® www.delevan.com email: apisales@delevan.com
270 Quaker Road, East Aurora NY 14052 • Phone: 716-652-3600 • Fax: 716-652-4814
Series
-R15M
0.150
1.20
41.0
75.0
-R22M
0.220
1.30
39.0
65.0
-R33M
0.330
1.50
37.0
62.0
-R47M
0.470
2.00
32.0
55.0
-R60M
0.600
2.20
29.0
51.0
-R68M
0.680
2.50
28.0
49.0
-R82M
0.820
3.00
25.0
44.0
-1R0M
1.00
3.50
24.0
40.0
-1R5M
1.50
5.50
19.0
35.0
-1R8M
1.80
7.00
17.0
30.0
SERIES LP5050R
-R22M
0.220
0.800
51.0
110
-R33M
0.330
1.10
42.0
80.0
-R47M
0.470
1.30
38.0
65.0
-R56M
0.560
1.50
36.0
55.0
-R68M
0.680
1.70
34.0
54.0
-R82M
0.820
2.30
31.0
53.0
-1R0M
1.00
2.50
29.0
50.0
-1R5M
1.50
4.10
23.0
48.0
-1R8M
1.80
4.90
19.0
40.0
SERIES LP5064R
-R22M
0.220
0.700
53.0
112
-R33M
0.330
0.900
46.0
65.0
-R47M
0.470
1.20
41.0
63.0
-R56M
0.560
1.40
37.0
62.0
-R68M
0.680
1.60
35.0
60.0
-R82M
0.820
1.90
33.0
50.0
-1R0M
1.00
2.00
32.0
49.0
-1R8M
1.80
3.20
24.0
41.0
-2R2M
2.20
4.20
22.0
40.0
For further surface finish information
refer to TECHNICAL section of this catalog.
10/20/2008
Physical Parameters
Inches
Millimeters
A
0.539 Max.
13.7 Max.
B
0.508 Max.
12.9 Max.
C
0.138 Max.
3.5 Max. (Series LP5035R)
0.197 Max.
5.0 Max. (Series LP5050R)
0.252 Max.
6.4 Max. (Series LP5064R)
D
0.118 to 0.157 3.0 to 4.0
E
0.079 to 0.102 2.0 to 2.6
Dimensions "A" and "C" are over terminals.
Operating Temperature Range -20°C to +125°C
Current Rating at 25° Ambient 40°C Rise
Inductance Measured at 0.25VAC with no
DC Current
Incremental Current The current at which the
inductance will be decreased by a maximum of 20%
from its initial 0 DC value.
LP5035R Packaging Tape & reel: 13" reel,
500 pieces max.
LP5050R Packaging Tape & reel: 13" reel,
250 pieces max.
LP5064R Packaging Tape & reel: 13" reel,
250 pieces max.
SERIES LP5035R
Commercial Low Profile
Surface Mount Power Inductors
LP5035R
LP5050R
LP5064R
A
C
B
D
E
A
B


Similar Part No. - LP5050R-R47M

ManufacturerPart #DatasheetDescription
logo
API Delevan
LP5050R-R47M API-LP5050R-R47M Datasheet
173Kb / 1P
Commercial Low Profile Surface Mount Power Inductors
More results

Similar Description - LP5050R-R47M

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
HM77 ETC-HM77 Datasheet
59Kb / 4P
Low Profile Surface Mount Inductors
logo
Bi technologies
HM70 BITECH-HM70 Datasheet
721Kb / 3P
High Power Shielded Low Profile Surface Mount Inductors
HM77 BITECH-HM77 Datasheet
651Kb / 2P
Low Profile Surface Mount Inductors
logo
API Delevan
LP404R-R36M API-LP404R-R36M Datasheet
281Kb / 1P
Commercial Low Profile Surface Mount Power Inductors
logo
CAMBION Electronic Comp...
555-8064 CAMBION-555-8064 Datasheet
46Kb / 2P
Surface mount power inductors, 7mm low profile
logo
API Delevan
LP4040R API-LP4040R_10 Datasheet
173Kb / 1P
Commercial Low Profile Surface Mount Power Inductors
logo
Bi technologies
HM77 BITECH-HM77_15 Datasheet
883Kb / 2P
Low Profile Surface Mount Inductors
logo
TT Electronics.
HM73 TTELEC-HM73 Datasheet
330Kb / 3P
Shielded Low Profile Surface Mount Inductors
HM70 TTELEC-HM70 Datasheet
698Kb / 3P
High Power Shielded Low Profile Surface Mount Inductors
HM77 TTELEC-HM77 Datasheet
897Kb / 2P
Low Profile Surface Mount Inductors
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com