Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MIL8532-06L Datasheet(PDF) 1 Page - API Delevan

Part # MIL8532-06L
Description  High Current, MIL-PRF-27/370 Qualified Surface Mount Power Inductors
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  API [API Delevan]
Direct Link  http://www.delevan.com
Logo API - API Delevan

MIL8532-06L Datasheet(HTML) 1 Page - API Delevan

  MIL8532-06L Datasheet HTML 1Page - API Delevan  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
-01
-02
-03
-04
-05
-06
-07
-08
-09
-10
-11
-12
-13
-14
-15
-16
-17
-18
-19
-20
-21
-22
-23
-24
-25
-26
-27
-28
-29
-30
-31
-32
-33
-34
-35
-36
-37
-38
-39
-40
-41
-42
-43
-44
-45
-46
-47
-48
-49
-50
-51
-52
www
.delevan.com E-mail: apisales@delevan.com
270 Quaker Rd., East Aurora NY 14052 • Phone 716-652-3600 • Fax 716-652-4814
6.4
5.8
5.2
4.8
4.3
3.9
3.5
3.2
2.9
2.7
2.5
2.2
2.0
1.8
1.6
1.5
1.4
1.2
1.1
1.0
0.93
0.85
0.77
0.71
0.64
0.58
0.52
0.48
0.43
0.39
0.35
0.32
0.29
0.27
0.25
0.22
0.20
0.18
0.16
0.15
0.14
0.12
0.11
0.10
0.09
0.09
0.08
0.07
0.06
0.06
0.05
0.05
6.27
5.95
5.67
5.43
5.22
5.03
4.70
4.56
4.01
3.84
3.69
3.55
3.27
3.09
2.97
2.84
2.66
2.25
2.17
2.05
1.84
1.65
1.56
1.53
1.30
1.12
1.04
0.99
0.84
0.80
0.74
0.68
0.59
0.56
0.49
0.42
0.39
0.37
0.34
0.30
0.28
0.25
0.23
0.20
0.19
0.18
0.15
0.13
0.12
0.12
0.10
0.09
0.009
0.010
0.011
0.012
0.013
0.014
0.016
0.017
0.022
0.024
0.026
0.028
0.033
0.037
0.040
0.044
0.050
0.070
0.075
0.084
0.104
0.130
0.145
0.152
0.208
0.283
0.330
0.362
0.505
0.557
0.650
0.770
1.03
1.14
1.50
1.98
2.30
2.55
3.00
4.00
4.40
5.80
6.56
8.63
10.1
11.2
15.0
20.8
23.4
26.0
36.0
40.0
1.0
1.2
1.5
1.8
2.2
2.7
3.3
3.9
4.7
5.6
6.8
8.2
10.0
12.0
15.0
18.0
22.0
27.0
33.0
39.0
47.0
56.0
68.0
82.0
100.0
120.0
150.0
180.0
220.0
270.0
330.0
390.0
470.0
560.0
680.0
820.0
1000.0
1200.0
1500.0
1800.0
2200.0
2700.0
3300.0
3900.0
4700.0
5600.0
6800.0
8200.0
10000.0
12000.0
15000.0
18000.0
Mechanical Configuration
UnitsareencapsulatedinaSurfaceMountpackage,
usinganepoxymoldedcase.Highresistivity
ferritecore,allowsforhighinductancewithlow
DC-resistance.
Physical Parameters
Inches
Millimeters
A
0.840to0.880
21.34to22.35
B
0.310to0.330
7.87to8.38
C
0.266to0.286
6.76to7.26
D
0.050Min.
1.27Min.
E
0.070to0.110
1.78to2.79
F
0.750(Ref.only)
19.05(Ref.only)
G
0.120(Ref.only)
3.05(Ref.only)
Dimensions“A”and“C”areoverterminals.
Operating Temperature Range –55°Cto+130°C
Current Rating 45°CRiseover85°CAmbient
Maximum Power Dissipation at 85°C 0.50Watts
Inductance
Measuredat1VACopencircuitwithnoDCcurrent.
Incremental Current Thecurrentatwhichthe
inductancewilldecreasebyamaximumof5%from
itsinductanceatzeroDCcurrent.
Weight Max. (Grams)2.5
Packaging Tape&reel(44mm):
13"reel,480piecesmax.;7"reelnotavailable
Lead Finish Sn63Pb37
(Tin-Lead)HotSolderDipped
Made In the U.S.A.
SERIES MIL8532 FERRITE CORE
-01L
-02L
-03L
-04L
-05L
-06L
-07L
-08L
-09L
-10L
-11L
-12L
-13L
-14L
-15L
-16L
-17L
-18L
-19L
-20L
-21L
-22L
-23L
-24L
-25L
-26L
-27L
-28L
-29L
-30L
-31L
-32L
-33L
-34L
-35L
-36L
-37L
-38L
-39L
-40L
-41L
-42L
-43L
-44L
-45L
-46L
-47L
-48L
-49L
-50L
-51L
-52L
*Complete part # must include MIL8532 PLUS the dash #
MIL8532
High Current, MIL-PRF-27/370 Qualified
Surface Mount Power Inductors
Series


Similar Part No. - MIL8532-06L

ManufacturerPart #DatasheetDescription
logo
API Delevan
MIL8532-06L API-MIL8532-06L Datasheet
1Mb / 1P
High Current, MIL-PRF-27/370 Qualified Surface Mount Power Inductors
More results

Similar Description - MIL8532-06L

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
MS75083 VISHAY-MS75083 Datasheet
179Kb / 5P
Inductors Military, MIL-PRF-15305 Qualified, Type LT, Molded
16-Mar-06
logo
API Delevan
MIL4922-221L API-MIL4922-221L Datasheet
288Kb / 1P
High Current, MIL-PRF-27/367 Qualified Surface Mount Power Inductors
MILP1812-102K API-MILP1812-102K Datasheet
261Kb / 1P
MIL-PRF-27/368 Qualified Surface Mount Power Inductors
logo
Vishay Siliconix
M55342 VISHAY-M55342_10 Datasheet
62Kb / 4P
QPL MIL-PRF-55342 Qualified Thin Film Resistor Surface Mount Chip
28-Jul-10
logo
API Delevan
MIL4922 API-MIL4922_10 Datasheet
1Mb / 1P
High Current, MIL-PRF-27/367 Qualified Surface Mount Power Inductors
MIL8532 API-MIL8532 Datasheet
1Mb / 1P
High Current, MIL-PRF-27/370 Qualified Surface Mount Power Inductors
logo
Vishay Siliconix
M55342K03B10E0R VISHAY-M55342K03B10E0R Datasheet
87Kb / 4P
QPL MIL-PRF-55342 Qualified Thin Film Resistor, Surface Mount Chip
13-Mar-13
D55342E07B271BRT5 VISHAY-D55342E07B271BRT5 Datasheet
87Kb / 4P
QPL MIL-PRF-55342 Qualified Thin Film Resistor, Surface Mount Chip
13-Mar-13
EH VISHAY-EH Datasheet
90Kb / 4P
QPL MIL-PRF-55342 Qualified Thin Film Resistor, Surface Mount Chip
04-Nov-14
logo
RENCO ELECTRONICS, INC.
RL-1325 RENCO-RL-1325_14 Datasheet
1Mb / 4P
MIL-PRF-27 POWER LINE INDUCTORS
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com