Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

APL3205A Datasheet(PDF) 11 Page - Anpec Electronics Coropration

Part # APL3205A
Description  Li Charger Protection IC
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ANPEC [Anpec Electronics Coropration]
Direct Link  http://www.anpec.com.tw
Logo ANPEC - Anpec Electronics Coropration

APL3205A Datasheet(HTML) 11 Page - Anpec Electronics Coropration

Back Button APL3205A Datasheet HTML 7Page - Anpec Electronics Coropration APL3205A Datasheet HTML 8Page - Anpec Electronics Coropration APL3205A Datasheet HTML 9Page - Anpec Electronics Coropration APL3205A Datasheet HTML 10Page - Anpec Electronics Coropration APL3205A Datasheet HTML 11Page - Anpec Electronics Coropration APL3205A Datasheet HTML 12Page - Anpec Electronics Coropration APL3205A Datasheet HTML 13Page - Anpec Electronics Coropration APL3205A Datasheet HTML 14Page - Anpec Electronics Coropration APL3205A Datasheet HTML 15Page - Anpec Electronics Coropration Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 20 page
background image
Copyright
© ANPEC Electronics Corp.
Rev. A.2 - May., 2009
www.anpec.com.tw
11
APL3205A/B
Typical Application Circuit
IN
ILIM
OUT
BAT
GND
APL3205A/B
Li+
Battery
EN
PSW
1
µF
MTK PMU
1uF
25K
200K
FAULT
5V Adapter/
USB
0.2
CHRIN
GTDRV
ISENS
VBAT
Figure 1. The Typical Protection Circuit for Charger Systems.
MCU
50K
50K
50K
VIO
GPIO
1
2
3
4
5
6
7
8
APM2805QA
IN
ILIM
OUT
BAT
GND
APL3205A/B
Li+
Battery
EN
PSW
1
µF
MTK PMU
1uF
25K
200K
FAULT
CHRIN
GTDRV
ISENS
VBAT
5V Adapter/
USB
Figure 2. Use the PSW pin to drive an external P-Channel MOSFET T for Charger Systems.
50K
50K
50K
MCU
VIO
GPIO
1
2
3
4
5
6
7
8
APM2103QA
0.2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com