Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MILS1812-124K Datasheet(PDF) 1 Page - API Delevan

Part # MILS1812-124K
Description  Shielded Surface Mount Inductors
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  API [API Delevan]
Direct Link  http://www.delevan.com
Logo API - API Delevan

MILS1812-124K Datasheet(HTML) 1 Page - API Delevan

  MILS1812-124K Datasheet HTML 1Page - API Delevan  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
-01*
-02*
-03*
-04*
-05*
-06*
-07*
-08*
-09*
-10*
-11*
-12*
-13*
-14*
-15*
-16*
-17*
-18*
-19*
-20*
-21*
-22*
-23*
-24*
-25*
-26*
-27*
-28*
-29*
-30*
-31*
-32*
-33*
-34*
-35*
-36*
-37*
-38*
-39*
-40*
-41*
-42*
-43*
-44*
-45*
-46*
-47*
-48*
-49*
PAGE
26
www
.delevan.com E-mail: apisales@delevan.com
270 Quaker Rd., East Aurora NY 14052 • Phone 716-652-3600 • Fax 716-652-4814
6/2007
1490
1412
1347
1290
1154
1053
952
876
802
735
675
614
755
725
706
681
658
638
534
487
471
447
408
372
333
315
301
288
277
267
258
250
242
235
215
196
169
163
158
153
149
135
129
105
91
84
79
71
60
0.09
0.10
0.11
0.12
0.15
0.18
0.22
0.26
0.31
0.37
0.44
0.53
0.35
0.38
0.40
0.43
0.46
0.49
0.70
0.84
0.90
1.00
1.20
1.44
1.80
2.00
2.20
2.40
2.60
2.80
3.00
3.20
3.40
3.60
4.30
5.20
7.00
7.50
8.00
8.50
9.00
11.0
12.0
18.0
24.0
28.0
32.0
40.0
55.0
460**†
400**†
390**†
350**†
310**†
280**†
240
215
205
185
166
155
160
140
110
100
90
67
61
56
50
40
32
30
25
22
18
15
14
13
12
11
9.0
8.0
7.6
7.2
7.0
6.0
5.0
4.5
4.2
4.0
3.7
3.5
3.3
2.8
2.6
2.2
2.0
25
25
25
25
25
25
25
25
25
25
25
25
7.9
7.9
7.9
7.9
7.9
7.9
7.9
7.9
7.9
7.9
7.9
7.9
2.5
2.5
2.5
2.5
2.5
2.5
2.5
2.5
2.5
2.5
2.5
2.5
0.79
0.79
0.79
0.79
0.79
0.79
0.79
0.79
0.79
0.79
0.79
0.79
0.79
50
50
50
50
50
50
40
40
40
40
40
40
40
40
40
40
40
40
40
40
40
40
40
40
50
50
50
50
50
50
50
50
50
50
50
50
40
40
40
40
40
40
40
40
40
40
40
40
40
0.10
0.12
0.15
0.18
0.22
0.27
0.33
0.39
0.47
0.56
0.68
0.82
1.0
1.2
1.5
1.8
2.2
2.7
3.3
3.9
4.7
5.6
6.8
8.2
10
12
15
18
22
27
33
39
47
56
68
82
100
120
150
180
220
270
330
390
470
560
680
820
1000
Military QPL Approvals
M83446/40
* Suffix F: Tin/Lead Termination
* Suffix P: ROHS Compliant
Physical Parameters
Inches
Millimeters
A
0.166 to 0.190
4.2 to 4.8
B
0.118 to 0.134
3.0 to 3.4
C
0.118 to 0.134
3.0 to 3.4
D
0.015 Min.
0.38 Min.
E
0.054 to 0.078
1.37 to 1.98
F
0.118 (Ref. only)
3.0 (Ref. only)
G
0.066 (Ref. only)
1.7 (Ref. only)
Dimensions “A” and “C” are over terminals
Weight Max. (Grams) 0.15
Operating Temperature Range –55°C to +125°C
Current Rating at 90°C Ambient 35°C Rise
Maximum Power Dissipation at 90°C 0.278 Watts
**†Note Self Resonant Frequency (SRF) values are
calculated and for reference only.
Packaging Tape & reel (12 mm): 7" reel, 650 pieces
max.; 13"-reel, 2500 pieces max.
* Termination Finish Options (Part & Callout)
MILS1812-101K = M83446/39-01F (Tin/Lead)
MILS1812R-101K = M83446/39-01P (Lead free)
Parts listed are QPL/MIL qualified
**Complete part # must include series # PLUS the dash #
For further surface finish information,
refer to TECHNICAL section of this catalog.
Made In the U.S.A. Patent Protected
M83446/40 IRON CORE
-101K
-121K
-151K
-181K
-221K
-271K
-331K
-391K
-471K
-561K
-681K
-821K
M83446/40 FERRITE CORE
-102K
-122K
-152K
-182K
-222K
-272K
-332K
-392K
-472K
-562K
-682K
-822K
-103K
-123K
-153K
-183K
-223K
-273K
-333K
-393K
-473K
-563K
-683K
-823K
-104K
-124K
-154K
-184K
-224K
-274K
-334K
-394K
-474K
-564K
-684K
-824K
-105K
For more detailed graphs, contact factory
MILS1812R
MILS1812
Shielded Surface Mount Inductors
Series
MI
L I TARY
A
P P R O V ED
MI
L I TARY
A
P P R O V ED
0.1
0.5
INDUCTANCE (
µH)
1.0
1.5
2.0
2.5
3.0
3.5
1.0
10
100
0
% COUPLING vs. INDUCTANCE
@ .060”
@ .040”
1000


Similar Part No. - MILS1812-124K

ManufacturerPart #DatasheetDescription
logo
API Delevan
MILS1812-124K API-MILS1812-124K Datasheet
1Mb / 1P
Shielded Surface Mount Inductors
More results

Similar Description - MILS1812-124K

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
SPD127 ETC1-SPD127 Datasheet
24Kb / 1P
Shielded Surface Mount Inductors
SPD62 ETC1-SPD62 Datasheet
23Kb / 1P
Shielded Surface Mount Inductors
logo
API Delevan
S1008 API-S1008 Datasheet
28Kb / 1P
Shielded Surface Mount Inductors
S1210 API-S1210 Datasheet
33Kb / 1P
Shielded Surface Mount Inductors
logo
Bi technologies
HM78 BITECH-HM78 Datasheet
845Kb / 3P
Shielded Surface Mount Inductors
logo
Murata Manufacturing Co...
KMP_2900 MURATA-KMP_2900 Datasheet
154Kb / 3P
Shielded Surface Mount Inductors
logo
API Delevan
SPD125R API-SPD125R Datasheet
1Mb / 1P
Shielded Surface Mount Inductors
1331R-681J API-1331R-681J Datasheet
1Mb / 1P
Shielded Surface Mount Inductors
logo
Bi technologies
HM78D BITECH-HM78D Datasheet
614Kb / 4P
Shielded Surface Mount Inductors
logo
TT Electronics.
HM78D TTELEC-HM78D Datasheet
704Kb / 2P
Shielded Surface Mount Inductors
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com