Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD412 Datasheet(PDF) 2 Page - RFHIC

Part # AD412
Description  E-pHEMT MMIC
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFHIC [RFHIC]
Direct Link  http://www.rfhic.com
Logo RFHIC - RFHIC

AD412 Datasheet(HTML) 2 Page - RFHIC

  AD412 Datasheet HTML 1Page - RFHIC AD412 Datasheet HTML 2Page - RFHIC AD412 Datasheet HTML 3Page - RFHIC AD412 Datasheet HTML 4Page - RFHIC AD412 Datasheet HTML 5Page - RFHIC AD412 Datasheet HTML 6Page - RFHIC  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
E
E--p
pH
HE
EM
MT
T M
MM
MIIC
C
A
AD
D4
41
12
2
(Preliminary)
Application Circuit: 50~ 1000MHz, 5v, 75ohm System
Input
3.3nH
100nF
2pF
100nF
1nF
680nH
4.7uF/16V(Tantal)
Output
Output
Output
Output
Vdd
Vdd
Vdd
Vdd
22nH
360 Ω
4.7nH
4.7nH
4.7nH
4.7nH
680nH
680nH
680nH
200 Ω
200 Ω
200 Ω
200 Ω
+5 V
10nF
10nF
10nF
10nF
560nH
(wire wound)
(wire wound)
(wire wound)
(wire wound)
(wire wound)
AD412
GG
G
G
G
G
G
G
Isolation
S-Parameter
0.2
0.4
0.6
0.8
0.0
1.0
-25
-20
-15
-10
-5
0
5
-30
10
Frequency(GHz)
S11
S21
S22
IN&OUT Port Isolation
OUT&OUT Port Isolation
-50
0
-30
-20
-10
-60
0
0.2
0.4
0.6
0.8
0.0
1.0
-4
Frequency(GHz)
IN&OUT Port Isolation
OUT&OUT Port Isolation
▪ Tel : 82-31-250-5011
▪ All specifications may change without notice.
▪ rfsales@rfhic.com
▪ Version 0.5



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com