Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AE366 Datasheet(PDF) 1 Page - RFHIC

Part # AE366
Description  E-pHEMT MMIC
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFHIC [RFHIC]
Direct Link  http://www.rfhic.com
Logo RFHIC - RFHIC

AE366 Datasheet(HTML) 1 Page - RFHIC

  AE366 Datasheet HTML 1Page - RFHIC AE366 Datasheet HTML 2Page - RFHIC AE366 Datasheet HTML 3Page - RFHIC  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
E
E--p
pH
HE
EM
MT
T M
MM
MIIC
C
A
AE
E3
36
66
6
(Preliminary)
▪ Tel : 82-31-250-5011
▪ All specifications may change without notice.
▪ rfsales@rfhic.com
▪ Version 0.3
Product Features
Application
• 50 ~ 1000MHz
• GaAs E-pHEMT MMIC
• Higher linearity, Higher Gain
• Low Noise Figure
• High Max input power
• SOT-89 SMD Type package
• Higher productivity
• Lower manufacturing cost
• Pb Free / RoHS Standard
• Receiver IF Amplifier
• Cellular, GSM
• Base station
• RF Sub-system
Description
AE366 is a drive or pre-drive amplifier designed in a low cost SOT-89 package.
This MMIC is based on Gallium Arsenide Enhancement Mode pHEMT which shows low current and high IP3.
It is designed as driver devices for infrastructure equipment in the 50~1000MHz Wireless technologies such as IF, Cellular, GSM
System. The data in this spec sheet is valid only for 50 ohm application.
Specifications
PARAMETER
UNIT
MIN
TYP
MAX
Remark
Frequency Range
MHz
50 ~ 1000
Gain
dB
23
Input Return Loss
dB
-20
Output Return Loss
dB
-20
Output IP3
dBm
36
39
1dB Compression Point
dBm
19
22
Noise Figure
dB
1.6
2.1
DC Current
mA
95
Supply Voltage
V
5
Absolute Minimum and Maximum Ratings
PARAMETER
UNIT
MIN
TYP
MAX
Device Voltage
V
+5
+7
Operating Temperature
℃
-40
+85
Storage Temperature
℃
-40
+150
NOTE
1. Test conditions unless otherwise noted. Freq=50~1000MHz, Vdd=+5V, Ta=25 ,
℃
50Ω system
2. OIP3 measured with 2 tones at an output power of +10dBm/tone separated by 1MHz
Package : SOT-89


Similar Part No. - AE366

ManufacturerPart #DatasheetDescription
logo
RFHIC
AE366 RFHIC-AE366_14 Datasheet
239Kb / 5P
a drive or pre-drive amplifier designed in a low cost SOT-89 package.
More results

Similar Description - AE366

ManufacturerPart #DatasheetDescription
logo
RFHIC
AD311 RFHIC-AD311 Datasheet
269Kb / 6P
E-pHEMT MMIC
AE312 RFHIC-AE312 Datasheet
232Kb / 3P
E-pHEMT MMIC
AE362 RFHIC-AE362 Datasheet
260Kb / 5P
E-pHEMT MMIC
AD412 RFHIC-AD412 Datasheet
306Kb / 6P
E-pHEMT MMIC
AE314 RFHIC-AE314 Datasheet
264Kb / 7P
E-pHEMT MMIC
AE365 RFHIC-AE365 Datasheet
206Kb / 3P
E-pHEMT MMIC
AE414 RFHIC-AE414 Datasheet
300Kb / 5P
E-pHEMT MMIC
AE384 RFHIC-AE384 Datasheet
230Kb / 4P
E-pHEMT MMIC
AE514 RFHIC-AE514 Datasheet
276Kb / 5P
E-pHEMT MMIC
AE618 RFHIC-AE618 Datasheet
202Kb / 3P
E-pHEMT MMIC
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com