Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BQ20Z40PW-R1 Datasheet(PDF) 2 Page - Texas Instruments

Click here to check the latest version.
Part # BQ20Z40PW-R1
Description  SBS 1.1-COMPLIANT GAS GAUGE ENABLED WITH IMPEDANCE TRACK??TECHNOLOGY FOR USE WITH THE bq29330
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

BQ20Z40PW-R1 Datasheet(HTML) 2 Page - Texas Instruments

  BQ20Z40PW-R1 Datasheet HTML 1Page - Texas Instruments BQ20Z40PW-R1 Datasheet HTML 2Page - Texas Instruments BQ20Z40PW-R1 Datasheet HTML 3Page - Texas Instruments BQ20Z40PW-R1 Datasheet HTML 4Page - Texas Instruments BQ20Z40PW-R1 Datasheet HTML 5Page - Texas Instruments BQ20Z40PW-R1 Datasheet HTML 6Page - Texas Instruments BQ20Z40PW-R1 Datasheet HTML 7Page - Texas Instruments BQ20Z40PW-R1 Datasheet HTML 8Page - Texas Instruments BQ20Z40PW-R1 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 16 page
background image
ChargePumps
Overcurrent &
ShortCircuit
Protection
N-CH FET
Drive
Impedance
Track™ Gas
Gauging
Pack -
SMBus
Pack +
LDO
& Therm. Drive
& Reset
Therm
Fuse
Temperature
Measurement
& Protection
32kHzClock
Generator
System
Interface
VoltageLevel
Translator
Watchdog &
Protection
Timing
System
Interface
SHA-1
Authentication
Charging
Algorithm
SBSv1.1
Data
Cell & Pack
Voltage
Measurement
Overrcurrent
Protection
Overvoltage &
Undervoltage
Protection
CellBalancing
Algorithm &
Control
FailSafe
Protection
bq29330
Validation &
Control
bq20z40–R1
bq29330
bq294xy
SupplyVoltage
32KHz
I
2C
Registers
Alert
RSNS
5m – 20m
typ.
Reset
bq20z40-R1
SLUS993 – DECEMBER 2009
www.ti.com
This integrated circuit can be damaged by ESD. Texas Instruments recommends that all integrated circuits be handled with
appropriate precautions. Failure to observe proper handling and installation procedures can cause damage.
ESD damage can range from subtle performance degradation to complete device failure. Precision integrated circuits may be more
susceptible to damage because very small parametric changes could cause the device not to meet its published specifications.
SYSTEM PARTITIONING DIAGRAM
Figure 1.
2
Submit Documentation Feedback
Copyright © 2009, Texas Instruments Incorporated
Product Folder Link(s) :bq20z40-R1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com