Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BQ20Z40PWR-R1 Datasheet(PDF) 5 Page - Texas Instruments

Click here to check the latest version.
Part # BQ20Z40PWR-R1
Description  SBS 1.1-COMPLIANT GAS GAUGE ENABLED WITH IMPEDANCE TRACK??TECHNOLOGY FOR USE WITH THE bq29330
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

BQ20Z40PWR-R1 Datasheet(HTML) 5 Page - Texas Instruments

  BQ20Z40PWR-R1 Datasheet HTML 1Page - Texas Instruments BQ20Z40PWR-R1 Datasheet HTML 2Page - Texas Instruments BQ20Z40PWR-R1 Datasheet HTML 3Page - Texas Instruments BQ20Z40PWR-R1 Datasheet HTML 4Page - Texas Instruments BQ20Z40PWR-R1 Datasheet HTML 5Page - Texas Instruments BQ20Z40PWR-R1 Datasheet HTML 6Page - Texas Instruments BQ20Z40PWR-R1 Datasheet HTML 7Page - Texas Instruments BQ20Z40PWR-R1 Datasheet HTML 8Page - Texas Instruments BQ20Z40PWR-R1 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 16 page
background image
1.76
1.77
1.78
1.79
1.8
1.81
-40
-20
0
20
40
60
80
T -Free-AirTemperature-°C
A
POWERONRESETBEHAVIOR
FREE-AIRTEMPERATURE
VS
bq20z40-R1
www.ti.com
SLUS993 – DECEMBER 2009
INTEGRATING ADC (Coulomb Counter) CHARACTERISTICS
VCC = 2.4V to 2.6 V, TA = –40°C to 85°C (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
V(SR)
Input voltage range, V(SRN) and V(SRP)
V(SR) = V(SRN) – V(SRP)
–0.2
0.2
V
V(SROS)
Input offset
10
μV
INL
Integral nonlinearity error
0.007%
0.034%
OSCILLATOR
VCC = 2.4 V to 2.6 V, TA = –40°C to 85°C (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
HIGH FREQUENCY OSCILLATOR
f(OSC) Operating Frequency
4.194
MHz
–3%
0.25%
3%
f(EIO) Frequency Error
(1) (2)
TA = 20°C to 70°C
–2%
0.25%
2%
t(SXO) Start-up Time
(3)
2.5
5
ms
LOW FREQUENCY OSCILLATOR
f(LOSC) Operating Frequency
32.768
KHz
–2.5%
0.25%
2.5%
f(LEIO) Frequency Error
(2) (4)
TA = 20°C to 70°C
–1.5%
0.25%
1.5%
t(LSXO) Start-up time
(5)
500
μs
(1)
The frequency error is measured from 4.194 MHz.
(2)
The frequency drift is included and measured from the trimmed frequency at VCC = 2.5 V, TA = 25°C.
(3)
The start-up time is defined as the time it takes for the oscillator output frequency to be within 1 % of the specified frequency.
(4)
The frequency error is measured from 32.768 kHz.
(5)
The start-up time is defined as the time it takes for the oscillator output frequency to be ± 3%.
DATA FLASH MEMORY CHARACTERISTICS
VCC = 2.4 V to 2.6 V, TA = –40°C to 85°C (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
tDR
Data retention
See (1)
10
Years
(1)
Specified by design. Not production tested.
Copyright © 2009, Texas Instruments Incorporated
Submit Documentation Feedback
5
Product Folder Link(s) :bq20z40-R1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com