Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BQ20Z45-R1 Datasheet(PDF) 2 Page - Texas Instruments

Click here to check the latest version.
Part # BQ20Z45-R1
Description  SBS 1.1-Compliant Gas Gauge and Protection Enabled With Impedance Track?
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

BQ20Z45-R1 Datasheet(HTML) 2 Page - Texas Instruments

  BQ20Z45-R1 Datasheet HTML 1Page - Texas Instruments BQ20Z45-R1 Datasheet HTML 2Page - Texas Instruments BQ20Z45-R1 Datasheet HTML 3Page - Texas Instruments BQ20Z45-R1 Datasheet HTML 4Page - Texas Instruments BQ20Z45-R1 Datasheet HTML 5Page - Texas Instruments BQ20Z45-R1 Datasheet HTML 6Page - Texas Instruments BQ20Z45-R1 Datasheet HTML 7Page - Texas Instruments BQ20Z45-R1 Datasheet HTML 8Page - Texas Instruments BQ20Z45-R1 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 18 page
background image
Coloumb
Counter
HWOver
Current &
ShortCircuit
Protection
CellVoltage
Multiplexer
N-ChannelFET
Drive
PreChargeFET
&
GPODDrive
PowerMode
Control
SMBD
VC5
VC4
VC3
VC2
VC1
SMBC
CellBalancing
Temperature
Measurement
DataFlash
Memory
SMB1.1
Impedance
Track ™
GasGauging
SHA-1
Authentication
Over & Under
Voltage
Protection
Voltage
Measurement
OverCurrent
Protection
Oscillator
Charging
Algorithm
FuseBlow
Detectionand
Logic
Over
Temperature
Protection
Watchdog
Regulators
RESET
ALERT
REG33
REG25
VCELL+
MSRT
RBI
SystemControl
AFEHWControl
Pack-
RSNS
5m
-20m
typ.
W
W
Pack+
SMBC
SMBD
bq20z45–R1
GND
VC4
VC3
VC2
VC1
VDD
OUT
CD
bq294xx
1
DSG
2
PACK
3
11
VCC
ALERT
4
12
ZVCHG
PRES
5
13
6
14
PMS
TS2
7
15
VSS
PFIN
8
16
REG33
SAFE
9
17
TOUT
SMBD
10
18
19
VCELL+
SMBC
NC
CHG
38
BAT
37
VC1
VSS
36
28
VC2
RBI
35
27
VC3
REG25
34
26
VC4
VSS
33
25
VC5
MRST
32
24
ASRP
GSRN
31
23
ASRN
GSRP
30
22
RESET
VSS
VSS
29
21
20
GPOD
TS1
bq20z45-R1
SLUS992 – DECEMBER 2009
www.ti.com
These devices have limited built-in ESD protection. The leads should be shorted together or the device placed in conductive foam
during storage or handling to prevent electrostatic damage to the MOS gates.
SYSTEM PARTITIONING DIAGRAM
bq20z45-R1
DBT PACKAGE
(TOP VIEW)
2
Submit Documentation Feedback
Copyright © 2009, Texas Instruments Incorporated
Product Folder Link(s): bq20z45-R1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com