Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BQ20Z60DBT-R1 Datasheet(PDF) 3 Page - Texas Instruments

Click here to check the latest version.
Part # BQ20Z60DBT-R1
Description  SBS 1.1-COMPLIANT GAS GAUGE ENABLED WITH IMPEDANCE TRACK??TECHNOLOGY FOR USE WITH THE bq29330
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

BQ20Z60DBT-R1 Datasheet(HTML) 3 Page - Texas Instruments

  BQ20Z60DBT-R1 Datasheet HTML 1Page - Texas Instruments BQ20Z60DBT-R1 Datasheet HTML 2Page - Texas Instruments BQ20Z60DBT-R1 Datasheet HTML 3Page - Texas Instruments BQ20Z60DBT-R1 Datasheet HTML 4Page - Texas Instruments BQ20Z60DBT-R1 Datasheet HTML 5Page - Texas Instruments BQ20Z60DBT-R1 Datasheet HTML 6Page - Texas Instruments BQ20Z60DBT-R1 Datasheet HTML 7Page - Texas Instruments BQ20Z60DBT-R1 Datasheet HTML 8Page - Texas Instruments BQ20Z60DBT-R1 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 15 page
background image
1
2
NC
SCLK
3
PRES
4
TS2
MRST
5
6
PFIN
7
SRN
8
VSS
VCELL-
XALERT
SRP
TS1
21
22
9
10
23
24
26
25
CLKOUT
VCC
NC
RBI
VCELL+
VSS
SAFE
SDATA
SMBD
19
20
LED5
11
12
LED4
NC
27
28
30
29
13
14
15
18
16
17
SMBC
DISP
NC
LED3
LED2
LED1
bq20z60-R1
www.ti.com
SLUS991 – DECEMBER 2009
PIN OUT DIAGRAM
TSSOP (PW)
(TOP VIEW)
PIN FUNCTIONS
PIN
I/O(1)
DESCRIPTION
NO.
NAME
1
NC
–
Not used— leave floating
2
XALERT
I
Input from bq29330 XALERT output.
3
SDATA
I/O
Data transfer to and from bq29330
4
SCLK
I/O
Communication clock to the bq29330
5
CLKOUT
O
32.768-kHz output for the bq29330. This pin should be directly connected to the AFE.
6
TS1
I
1st Thermistor voltage input connection to monitor temperature
7
TS2
I
2nd Thermistor voltage input connection to monitor temperature
8
PRES
I
Active low input to sense system insertion. Typically requires additional ESD protection.
Active low input to detect secondary protector output status, and to allow the bq20z60-R1 to report
9
PFIN
I
the status of the 2nd level protection output
10
SAFE
OD
Active high output to enforce additional level of safety protection; e.g., fuse blow.
SMBus data open-drain bidirectional pin used to transfer address and data to and from the
11
SMBD
I/OD
bq20z60-R1
12
NC
–
Not used— leave floating
13
SMBC
I/OD
SMBus clock open-drain bidirectional pin used to clock the data transfer to and from the bq20z60-R1
Display control for the LEDs. This pin is typically connected to bq29330 REG via a 100K
Ω resistor
14
DISP
I
and a push button switch connect to VSS
15
NC
–
Not used— leave floating
16
LED1
O
LED1 display segment that drives an external LED depending on the firmware configuration
17
LED2
O
LED2 display segment that drives an external LED depending on the firmware configuration
18
LED3
O
LED3 display segment that drives an external LED depending on the firmware configuration
19
LED4
O
LED4 display segment that drives an external LED depending on the firmware configuration
20
LED5
O
LED5 display segment that drives an external LED depending on the firmware configuration
21
VSS
–
Negative supply voltage
(1)
I = Input, IA = Analog input, I/O = Input/output, I/OD = Input/Open-drain output, O = Output, P = Power
Copyright © 2009, Texas Instruments Incorporated
Submit Documentation Feedback
3
Product Folder Link(s) :bq20z60-R1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com