Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BQ20Z65-R1 Datasheet(PDF) 18 Page - Texas Instruments

Click here to check the latest version.
Part # BQ20Z65-R1
Description  SBS 1.1-COMPLIANT GAS GAUGE AND PROTECTION ENABLED WITH IMPEDANCE TRACK?
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

BQ20Z65-R1 Datasheet(HTML) 18 Page - Texas Instruments

Back Button BQ20Z65-R1 Datasheet HTML 14Page - Texas Instruments BQ20Z65-R1 Datasheet HTML 15Page - Texas Instruments BQ20Z65-R1 Datasheet HTML 16Page - Texas Instruments BQ20Z65-R1 Datasheet HTML 17Page - Texas Instruments BQ20Z65-R1 Datasheet HTML 18Page - Texas Instruments BQ20Z65-R1 Datasheet HTML 19Page - Texas Instruments BQ20Z65-R1 Datasheet HTML 20Page - Texas Instruments BQ20Z65-R1 Datasheet HTML 21Page - Texas Instruments BQ20Z65-R1 Datasheet HTML 22Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 23 page
background image
bq20z65-R1
SLUS990 – DECEMBER 2009
www.ti.com
Table 3. SBS COMMANDS (continued)
SBS
SIZE IN
MIN
MAX
DEFAULT
MODE
NAME
FORMAT
UNIT
VALUE
CMD
BYTES
VALUE
VALUE
0x19
R/W
DesignVoltage
Integer
2
7000
18,000
14,400
mV
0x1a
R/W
SpecificationInfo
Hex
2
0x0000
0xffff
0x0031
—
0x1b
R/W
ManufactureDate
Unsigned
2
0
65,535
0
—
integer
0x1c
R/W
SerialNumber
Hex
2
0x0000
0xffff
0x0000
—
0x20
R/W
ManufacturerName
String
20+1
—
—
Texas
—
Instruments
0x21
R/W
DeviceName
String
20+1
—
—
bq20z65-R1
—
0x22
R/W
DeviceChemistry
String
4+1
—
—
LION
—
0x23
R
ManufacturerData
String
14+1
—
—
—
—
0x2f
R/W
Authenticate
String
20+1
—
—
—
—
0x3c
R
CellVoltage4
Unsigned
2
0
65,535
—
mV
integer
0x3d
R
CellVoltage3
Unsigned
2
0
65,535
—
mV
integer
0x3e
R
CellVoltage2
Unsigned
2
0
65,535
—
mV
integer
0x3f
R
CellVoltage1
Unsigned
2
0
65,535
—
mV
integer
Table 4. EXTENDED SBS COMMANDS
SBS
SIZE IN
MIN
MAX
DEFAULT
MODE
NAME
FORMAT
UNIT
CMD
BYTES
VALUE
VALUE
VALUE
0x45
R
AFEData
String
11+1
—
—
—
—
0x46
R/W
FETControl
Hex
2
0x00
0xff
—
—
0x4f
R
StateOfHealth
Hex
2
0x0000
0xffff
—
%
0x51
R
SafetyStatus
Hex
2
0x0000
0xffff
—
—
0x52
R
PFAlert
Hex
2
0x0000
0xffff
—
—
0x53
R
PFStatus
Hex
2
0x0000
0xffff
—
—
0x54
R
OperationStatus
Hex
2
0x0000
0xffff
—
—
0x55
R
ChargingStatus
Hex
2
0x0000
0xffff
—
—
0x57
R
ResetData
Hex
2
0x0000
0xffff
—
—
0x58
R
WDResetData
Unsigned
2
0
65,535
—
—
integer
0x5a
R
PackVoltage
Unsigned
2
0
65,535
—
mV
integer
0x5d
R
AverageVoltage
Unsigned
2
0
65,535
—
mV
integer
0x5e
R
TS1Temperature
Integer
2
-400
1200
—
0.1°C
0x5f
R
TS2Temperature
Integer
2
-400
1200
—
0.1°C
0x60
R/W
UnSealKey
Hex
4
0x00000000
0xffffffff
—
—
0x61
R/W
FullAccessKey
Hex
4
0x00000000
0xffffffff
—
—
0x62
R/W
PFKey
Hex
4
0x00000000
0xffffffff
—
—
0x63
R/W
AuthenKey3
Hex
4
0x00000000
0xffffffff
—
—
0x64
R/W
AuthenKey2
Hex
4
0x00000000
0xffffffff
—
—
0x65
R/W
AuthenKey1
Hex
4
0x00000000
0xffffffff
—
—
0x66
R/W
AuthenKey0
Hex
4
0x00000000
0xffffffff
—
—
0x68
R
SafetyAlert2
Hex
2
0x0000
0x000f
—
—
0x69
R
SafetyStatus2
Hex
2
0x0000
0x000f
—
—
18
Submit Documentation Feedback
Copyright © 2009, Texas Instruments Incorporated
Product Folder Link(s): bq20z65-R1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com